Electronic Components Datasheet Search
  English  ▼

X  

SLRC400 Datasheet(PDF) 32 Page - NXP Semiconductors

Part # SLRC400
Description  ICODE reader IC
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SLRC400 Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button SLRC400 Datasheet HTML 28Page - NXP Semiconductors SLRC400 Datasheet HTML 29Page - NXP Semiconductors SLRC400 Datasheet HTML 30Page - NXP Semiconductors SLRC400 Datasheet HTML 31Page - NXP Semiconductors SLRC400 Datasheet HTML 32Page - NXP Semiconductors SLRC400 Datasheet HTML 33Page - NXP Semiconductors SLRC400 Datasheet HTML 34Page - NXP Semiconductors SLRC400 Datasheet HTML 35Page - NXP Semiconductors SLRC400 Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 101 page
background image
SLRC400_33
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
PUBLIC
Rev. 3.3 — 23 March 2010
054333
32 of 101
NXP Semiconductors
SLRC400
ICODE reader IC
Section 8.11.2 describes the relevant registers and settings used to configure and control
the serial signal switch.
8.11.2 Serial signal switch registers
The RxControl2 register DecoderSource[1:0] bits define the input signal for the internal
Manchester decoder and are described in Table 25.
The TxControl register ModulatorSource[1:0] bits define the signal used to modulate the
transmitted 13.56 MHz carrier frequency. The modulated signal drives pins TX1 and TX2.
Fig 12. Serial signal switch block diagram
Table 25.
DecoderSource[1:0] values
Number
DecoderSource
[1:0]
Input signal to decoder
0
00
constant 0
1
01
output of the analog part. This is the default configuration
210
reserved
311
reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com