Electronic Components Datasheet Search
  English  ▼

X  

SLRC400 Datasheet(PDF) 59 Page - NXP Semiconductors

Part # SLRC400
Description  ICODE reader IC
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SLRC400 Datasheet(HTML) 59 Page - NXP Semiconductors

Back Button SLRC400 Datasheet HTML 55Page - NXP Semiconductors SLRC400 Datasheet HTML 56Page - NXP Semiconductors SLRC400 Datasheet HTML 57Page - NXP Semiconductors SLRC400 Datasheet HTML 58Page - NXP Semiconductors SLRC400 Datasheet HTML 59Page - NXP Semiconductors SLRC400 Datasheet HTML 60Page - NXP Semiconductors SLRC400 Datasheet HTML 61Page - NXP Semiconductors SLRC400 Datasheet HTML 62Page - NXP Semiconductors SLRC400 Datasheet HTML 63Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 101 page
background image
SLRC400_33
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
PUBLIC
Rev. 3.3 — 23 March 2010
054333
59 of 101
NXP Semiconductors
SLRC400
ICODE reader IC
9.5.6.4 TimerControl register
Selects start and stop conditions for the timer.
9.5.6.5 TimerReload register
Defines the preset value for the timer.
Table 104. TimerClock register (address: 2Ah) reset value: 0000 1011b, 0Bh bit allocation
Bit
7
6
5
4
3
2
1
0
Symbol
00
TAutoRestart
TPreScaler[4:0]
Access
R/W
RW
RW
Table 105. TimerClock register bit descriptions
Bit
Symbol
Value
Function
7 to 6
00
-
these values must not be changed
5
TAutoRestart
1
the timer automatically restarts its countdown from the
TReloadValue[7:0] instead of counting down to zero
0
the timer decrements to zero and register InterruptRq
TimerIRq bit is set to logic 1
4 to 0
TPreScaler[4:0] -
defines the timer clock frequency (fTimerClock). The
TPreScaler[4:0] can be adjusted from 0 to 15. The following
formula is used to calculate the TimerClock frequency
(fTimerClock):
fTimerClock = 13.56 MHz / 2TPreScaler [MHz]
Table 106. TimerControl register (address: 2Bh) reset value: 0000 0010b, 02h bit allocation
Bit
7
6
5
4
3
2
1
0
Symbol
0
0
0
0
TStopRxEnd
TStopRxBegin
TStartTxEnd TStartTxBegin
Access
R/W
R/W
R/W
R/W
R/W
Table 107. TimerControl register bit descriptions
Bit
Symbol
Value Description
7 to 4 0000
-
these values must not be changed
3
TStopRxEnd
1
the timer automatically stops when data reception ends
0
the timer is not influenced by this condition
2
TStopRxBegin
1
the timer automatically stops when the first valid bit is received
0
the timer is not influenced by this condition
1
TStartTxEnd
1
the timer automatically starts when data transmission ends. If
the timer is already running, the timer restarts by loading
TReloadValue[7:0] into the timer.
0
the timer is not influenced by this condition
0
TStartTxBegin
1
the timer automatically starts when the first bit is transmitted. If
the timer is already running, the timer restarts by loading
TReloadValue[7:0] into the timer.
0
the timer is not influenced by this condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com