Electronic Components Datasheet Search
  English  ▼

X  

SLRC400 Datasheet(PDF) 28 Page - NXP Semiconductors

Part # SLRC400
Description  ICODE reader IC
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SLRC400 Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button SLRC400 Datasheet HTML 24Page - NXP Semiconductors SLRC400 Datasheet HTML 25Page - NXP Semiconductors SLRC400 Datasheet HTML 26Page - NXP Semiconductors SLRC400 Datasheet HTML 27Page - NXP Semiconductors SLRC400 Datasheet HTML 28Page - NXP Semiconductors SLRC400 Datasheet HTML 29Page - NXP Semiconductors SLRC400 Datasheet HTML 30Page - NXP Semiconductors SLRC400 Datasheet HTML 31Page - NXP Semiconductors SLRC400 Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 101 page
background image
SLRC400_33
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
PUBLIC
Rev. 3.3 — 23 March 2010
054333
28 of 101
NXP Semiconductors
SLRC400
ICODE reader IC
8.9.3.3 Calculating the relative source resistance
The reference source resistance RS(ref) can be calculated using Equation 6.
(6)
8.9.3.4 Calculating the effective source resistance
Wiring resistance (RS(wire)): Wiring and bonding add a constant offset to the driver
resistance that is relevant when pins TX1 and TX2 are switched to low-impedance. The
additional resistance for pin TX1 (RS(wire)TX1) can be set approximately as shown in
Equation 7.
(7)
Effective resistance (RSx): The source resistances of the driver transistors (RsMaxP
byte) read from the Product Information Field (see Section 8.2.1 on page 9) are measured
during the production test with CwConductance register’s GsCfgCW[5:0] = 01h.
To calculate the driver resistance for a specific value set in ModConductance register ‘s
GsCfgMod[5:0], use Equation 8.
(8)
8.9.4 Pulse width
The envelope carries the data signal information that is transmitted to the label. The data
signal is encoded using either 1 out of 256 RZ, or 1 out of 4 codes. In addition, each
pause of the encoded signal is again encoded as a pulse of a certain width. The width of
the pulse is adjusted using the ModWidth register. The pulse width (tw) is calculated using
Equation 9 where the clock frequency constant (fclk)= 13.56 MHz.
(9)
8.10 Receiver circuitry
The SLRC400 uses an integrated quadrature demodulation circuit which extracts the
subcarrier signal from the 13.56 MHz ASK-modulated signal on pin RX.
The quadrature demodulator uses two different clocks (Q-clock and I-clock) with a
phase-shift of 90 between them. Both resulting subcarrier signals are amplified, filtered
and forwarded to the correlation circuitry. The correlation results are evaluated, digitized
and then passed to the digital circuitry. Various adjustments can be made to obtain
optimum performance for all processing units.
8.10.1 Receiver circuit block diagram
Figure 10 shows the block diagram of the receiver circuit. The receiving process can be
broken down in to several steps. Quadrature demodulation of the 13.56 MHz carrier signal
is performed. To achieve the optimum performance, automatic Q-clock calibration is
recommended (see Section 8.10.2.1 on page 29).
RSref
1
MANTGsCfgCW
77
40
------
EXPGsCfgCW
--------------------------------------------------------------------------------
=
RSwire TX1 500 m
RSx
RSref maxP RSwire TX1
–
RSrel
RSwire TX1
+
=
tw
2
ModWidth 1
+
fclk
-------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com