Electronic Components Datasheet Search
  English  ▼

X  

SLRC400 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # SLRC400
Description  ICODE reader IC
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SLRC400 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button SLRC400 Datasheet HTML 9Page - NXP Semiconductors SLRC400 Datasheet HTML 10Page - NXP Semiconductors SLRC400 Datasheet HTML 11Page - NXP Semiconductors SLRC400 Datasheet HTML 12Page - NXP Semiconductors SLRC400 Datasheet HTML 13Page - NXP Semiconductors SLRC400 Datasheet HTML 14Page - NXP Semiconductors SLRC400 Datasheet HTML 15Page - NXP Semiconductors SLRC400 Datasheet HTML 16Page - NXP Semiconductors SLRC400 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 101 page
background image
SLRC400_33
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
PUBLIC
Rev. 3.3 — 23 March 2010
054333
13 of 101
NXP Semiconductors
SLRC400
ICODE reader IC
8.3.2 Controlling the FIFO buffer
In addition to writing to and reading from the FIFO buffer, the FIFO buffer pointers can be
reset using the FlushFIFO bit. This changes the FIFOLength[6:0] value to zero, bit
FIFOOvfl is cleared and the stored bytes are no longer accessible. This enables the FIFO
buffer to be written with another 64 bytes of data.
8.3.3 FIFO buffer status information
The microprocessor can get the following FIFO buffer status data:
• the number of bytes stored in the FIFO buffer: bits FIFOLength[6:0]
• the FIFO buffer full warning: bit HiAlert
• the FIFO buffer empty warning: bit LoAlert
• the FIFO buffer overflow warning: bit FIFOOvfl.
Remark: Setting the FlushFIFO bit clears the FIFOOvfl bit.
The SLRC400 can generate an interrupt signal when:
• bit LoAlertIRq is set to logic 1 and bit LoAlert = logic 1, pin IRQ is activated.
• bit HiAlertIRq is set to logic 1 and bit HiAlert = logic 1, pin IRQ activated.
The HiAlert flag bit is set to logic 1 only when the WaterLevel[5:0] bits or less can be
stored in the FIFO buffer. The trigger is generated by Equation 1:
(1)
The LoAlert flag bit is set to logic 1 when the FIFOLevel register’s WaterLevel[5:0] bits or
less are stored in the FIFO buffer. The trigger is generated by Equation 2:
(2)
8.3.4 FIFO buffer registers and flags
Table 13 shows the related FIFO buffer flags in alphabetical order.
Transceive
yes
yes
the microprocessor has to know the state of the
command (transmitting or receiving)
WriteE2
yes
-
ReadE2
yes
yes
the microprocessor has to prepare the arguments,
afterwards only reading is allowed
LoadConfig
yes
-
CalcCRC
yes
-
Table 12.
FIFO buffer access
Active
command
FIFO buffer
Remark
P Write
P Read
HiAlert
64 FIFOLength
–
WaterLevel
=
LoAlert
FIFOLength WaterLevel
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com