Electronic Components Datasheet Search
  English  ▼

X  

SLRC400 Datasheet(PDF) 24 Page - NXP Semiconductors

Part # SLRC400
Description  ICODE reader IC
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SLRC400 Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button SLRC400 Datasheet HTML 20Page - NXP Semiconductors SLRC400 Datasheet HTML 21Page - NXP Semiconductors SLRC400 Datasheet HTML 22Page - NXP Semiconductors SLRC400 Datasheet HTML 23Page - NXP Semiconductors SLRC400 Datasheet HTML 24Page - NXP Semiconductors SLRC400 Datasheet HTML 25Page - NXP Semiconductors SLRC400 Datasheet HTML 26Page - NXP Semiconductors SLRC400 Datasheet HTML 27Page - NXP Semiconductors SLRC400 Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 101 page
background image
SLRC400_33
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
PUBLIC
Rev. 3.3 — 23 March 2010
054333
24 of 101
NXP Semiconductors
SLRC400
ICODE reader IC
8.8 Oscillator circuit
The clock applied to the SLRC400 acts as a time basis for the synchronous system
encoder and decoder. The stability of the clock frequency is an important factor for correct
operation. To obtain highest performance, clock jitter must be as small as possible. This is
best achieved by using the internal oscillator buffer with the recommended circuitry.
If an external clock source is used, the clock signal must be applied to pin OSCIN. In this
case, be very careful in optimizing clock duty cycle and clock jitter. Ensure the clock
quality has been verified. It must meet the specifications described in Section 12.4.4 on
page 84.
Remark: We do not recommend using an external clock source.
8.9 Transmitter pins TX1 and TX2
The signal on pins TX1 and TX2 is the 13.56 MHz carrier modulated by an envelope
signal. It can be used to drive an antenna directly, using minimal passive components for
matching and filtering (see Section 14.1 on page 85). To enable this, the output circuitry is
designed with a very low-impedance source resistance. The TxControl register is used to
control the TX1 and TX2 signals.
8.9.1 Configuring pins TX1 and TX2
TX1 pin configurations are described in Table 20.
TX2 pin configurations are described in Table 21.
Fig 9.
Quartz clock connection
Table 20.
Pin TX1 configurations
TxControl register
configuration
Envelope
TX1 signal
TX1RFEn
0X
LOW (GND)
1
0
13.56 MHz modulated carrier
1
1
13.56 MHz unmodulated carrier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com