Electronic Components Datasheet Search
  English  ▼

X  

SLRC400 Datasheet(PDF) 34 Page - NXP Semiconductors

Part # SLRC400
Description  ICODE reader IC
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SLRC400 Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button SLRC400 Datasheet HTML 30Page - NXP Semiconductors SLRC400 Datasheet HTML 31Page - NXP Semiconductors SLRC400 Datasheet HTML 32Page - NXP Semiconductors SLRC400 Datasheet HTML 33Page - NXP Semiconductors SLRC400 Datasheet HTML 34Page - NXP Semiconductors SLRC400 Datasheet HTML 35Page - NXP Semiconductors SLRC400 Datasheet HTML 36Page - NXP Semiconductors SLRC400 Datasheet HTML 37Page - NXP Semiconductors SLRC400 Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 101 page
background image
SLRC400_33
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
PUBLIC
Rev. 3.3 — 23 March 2010
054333
34 of 101
NXP Semiconductors
SLRC400
ICODE reader IC
9. SLRC400 registers
9.1 Register addressing modes
Three methods can be used to operate the SLRC400:
• initiating functions and controlling data by executing commands
• configuring the functional operation using a set of configuration bits
• monitoring the state of the SLRC400 by reading status flags
The commands, configuration bits and flags are accessed using the microprocessor
interface. The SLRC400 can internally address 64 registers using six address lines.
9.1.1 Page registers
The SLRC400 register set is segmented into eight pages containing eight registers each.
A Page register can always be addressed, irrespective of which page is currently
selected.
9.1.2 Dedicated address bus
When using the SLRC400 with the dedicated address bus, the microprocessor defines
three address lines using address pins A0, A1 and A2. This enables addressing within a
page. To switch between registers in different pages a paging mechanism needs to be
used.
Table 28 shows how the register address is assembled.
9.1.3 Multiplexed address bus
The microprocessor may define all six address lines at once using the SLRC400 with a
multiplexed address bus. In this case either the paging mechanism or linear addressing
can be used.
Table 29 shows how the register address is assembled.
9.2 Register bit behavior
Bits and flags for different registers behave differently, depending on their functions. In
principle, bits with same behavior are grouped in common registers. Table 30 describes
the function of the Access column in the register tables.
Table 28.
Dedicated address bus: assembling the register address
Register bit: UsePageSelect
Register address
1
PageSelect2
PageSelect1
PageSelect0
A2 A1 A0
Table 29.
Multiplexed address bus: assembling the register address
Multiplexed
address bus
type
UsePage
Select
Register address
Paging mode
1
PageSelect2 PageSelect1 PageSelect0 AD2
AD1 AD0
Linear
addressing
0
AD5
AD4
AD3
AD2
AD1 AD0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com