Electronic Components Datasheet Search
  English  ▼

X  

M263 Datasheet(PDF) 299 Page - Nuvoton Technology Corporation

Part # M263
Description  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M263 Datasheet(HTML) 299 Page - Nuvoton Technology Corporation

Back Button M263 Datasheet HTML 295Page - Nuvoton Technology Corporation M263 Datasheet HTML 296Page - Nuvoton Technology Corporation M263 Datasheet HTML 297Page - Nuvoton Technology Corporation M263 Datasheet HTML 298Page - Nuvoton Technology Corporation M263 Datasheet HTML 299Page - Nuvoton Technology Corporation M263 Datasheet HTML 300Page - Nuvoton Technology Corporation M263 Datasheet HTML 301Page - Nuvoton Technology Corporation M263 Datasheet HTML 302Page - Nuvoton Technology Corporation M263 Datasheet HTML 303Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 299 / 398 page
background image
M261/M262/M263
Mar 25, 2020
Page 299 of 398
Rev 1.02
and CLK_CLKSEL3 register.
6.3.5
Power-down Mode Clock
When entering Power-down mode, system clocks, some clock sources and some peripheral clocks
are disabled. Some clock sources and peripherals clock are still active in Power-down mode.
For theses clocks, which still keep active, are listed below:
Clock Generator
–
10 kHz internal low speed RC oscillator (LIRC) clock
–
32.768 kHz external low speed crystal oscillator (LXT) clock
Peripherals Clock (When the modules adopt LXT or LIRC as clock source)
6.3.6
Clock Output
This device is equipped with a power-of-2 frequency divider which is composed by 16 chained divide-
by-2 shift registers. One of the 16 shift register outputs selected by a sixteen to one multiplexer is
reflected to CLKO function pin. Therefore, there are 16 options of power-of-2 divided clocks with the
frequency from Fin/2
1 to F
in/2
16 where F
in is input clock frequency to the clock divider.
The output formula is Fout = Fin/2
(N+1), where F
in is the input clock frequency, Fout is the clock divider
output frequency and N is the 4-bit value in FREQSEL (CLK_CLKOCTL[3:0]). When writing 1 to
CLKOEN (CLK_CLKOCTL[4]), the chained counter starts to count. When writing 0 to CLKOEN
(CLK_CLKOCTL[4]), the chained counter continuously runs till divided clock reaches low state and
stays in low state.
If DIV1EN(CLK_CLKOCTL[5]) set to 1, the clock output clock (CLKO_CLK) will bypass power-of-2
frequency divider. The output divider clock will be output to CLKO pin directly.
When entering Power-down mode, clock output does not out put clock even if the CKO clock source is
LXT.
Note:
Before clock switching, both the pre-selected and newly selected clock sources must be turned on and
stable.
0000
0001
1110
1111
:
:
16 to 1
MUX
1/2
1/2
2
1/2
3
1/2
15
1/2
16
…...
FREQSEL
(CLK_CLKOCTL[3:0])
CLKO
16 chained
divide-by-2 counter
CLKOEN
(CLK_CLKOCTL[4])
Enable
divide-by-2 counter
0
1
DIV1EN
(CLK_CLKOCTL[5])
0
1
CLK1HZEN
(CLK_CLKOCTL[6])
1 Hz clock from RTC
0
1
LXT
LIRC
RTCSEL(CLK_CLKSEL3[8])
/32768
11
HCLK
LXT
HXT
HIRC
CLKOSEL (CLK_CLKSEL1[29:28])
10
01
00
CLKOCKEN
(CLK_APBCLK0[6])
Figure 6.3-8 Clock Output Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com