Electronic Components Datasheet Search
  English  ▼

X  

M263 Datasheet(PDF) 296 Page - Nuvoton Technology Corporation

Part # M263
Description  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M263 Datasheet(HTML) 296 Page - Nuvoton Technology Corporation

Back Button M263 Datasheet HTML 292Page - Nuvoton Technology Corporation M263 Datasheet HTML 293Page - Nuvoton Technology Corporation M263 Datasheet HTML 294Page - Nuvoton Technology Corporation M263 Datasheet HTML 295Page - Nuvoton Technology Corporation M263 Datasheet HTML 296Page - Nuvoton Technology Corporation M263 Datasheet HTML 297Page - Nuvoton Technology Corporation M263 Datasheet HTML 298Page - Nuvoton Technology Corporation M263 Datasheet HTML 299Page - Nuvoton Technology Corporation M263 Datasheet HTML 300Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 296 / 398 page
background image
M261/M262/M263
Mar 25, 2020
Page 296 of 398
Rev 1.02
XT1_OUT
External 4~24
MHz Crystal
(HXT)
HXTEN (CLK_PWRCTL[0])
XT1_IN
Internal 12 MHz
Oscillator
(HIRC)
HIRCEN (CLK_PWRCTL[2])
0
1
PLL
PLLSRC (CLK_PLLCTL[19])
PLL FOUT
X32_OUT
External 32.768
kHz Crystal
(extLXT)
LXT
LXTEN (CLK_PWRCTL[1])
X32_IN
Internal 10 kHz
Oscillator
(LIRC)
LIRCEN (CLK_PWRCTL[3])
HXT
HIRC
LIRC
Internal 48 MHz
Oscillator
(HIRC48)
HIRC48EN (CLK_PWRCTL[18])
HIRC48
Note:
Before clock switching, both the pre-selected and newly selected clock sources must be
turned on and stable.
Internal 32 kHz
Oscillator
(LIRC32k)
1
0
C32KS(RTC_LXTCTL[7])
LIRC32KEN (RTC_LXTCTL[0])
Figure 6.3-4 Clock Generator Block Diagram
Each of these clock sources has certain stable time to wait for clock operating at stable frequency.
When clock source is enabled, a stable counter start counting and correlated clock stable index.
That is, HXTSTB (CLK_STATUS[0]), LXTSTB (CLK_STATUS[1]), PLLSTB (CLK_STATUS[2]),
LIRCSTB
(CLK_STATUS[3]),
HIRCSTB
(CLK_STATUS[4]),
HIRC48STB
(CLK_STATUS[6]),
EXTLXTSTB (CLK_STATUS[8]) and LIRC32STB(CLK_STATUS[9]) these bits are set to 1 after the
stable counter value reaches a defined value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com