Electronic Components Datasheet Search
  English  ▼

X  

M263 Datasheet(PDF) 293 Page - Nuvoton Technology Corporation

Part # M263
Description  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M263 Datasheet(HTML) 293 Page - Nuvoton Technology Corporation

Back Button M263 Datasheet HTML 289Page - Nuvoton Technology Corporation M263 Datasheet HTML 290Page - Nuvoton Technology Corporation M263 Datasheet HTML 291Page - Nuvoton Technology Corporation M263 Datasheet HTML 292Page - Nuvoton Technology Corporation M263 Datasheet HTML 293Page - Nuvoton Technology Corporation M263 Datasheet HTML 294Page - Nuvoton Technology Corporation M263 Datasheet HTML 295Page - Nuvoton Technology Corporation M263 Datasheet HTML 296Page - Nuvoton Technology Corporation M263 Datasheet HTML 297Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 293 / 398 page
background image
M261/M262/M263
Mar 25, 2020
Page 293 of 398
Rev 1.02
CPU
011
010
001
PLLFOUT
32.768 kHz
4~24 MHz
10 kHz
000
CLK_CLKSEL0[2:0]
1/(HCLKDIV+1)
101
12 MHz
HXT
LXT
PLL
LIRC
HIRC48
HIRC
PCLK0
PCLK1
111
011
010
001
4~24 MHz
32.768 kHz
4~24 MHz
HCLK
12 MHz
000
1/2
1/2
1/2
CLK_CLKSEL0[5:3]
1
0
SysTick
SYST_CTRL[2]
CPUCLK
HXT
LXT
HCLK
HIRC
HXT
CLK_CLKSEL0[21:20]
11
10
01
00
HXT
HCLK
HIRC
PLL
SDH0
1/(SDH0DIV+1)
1
0
CLK_PLLCTL[19]
PLL FOUT
12 MHz
4~24 MHz
111
48 MHz
Note:
Before clock switching, both the pre-selected and newly selected clock sources must be turned on and stable.
WDT
TMR0
TMR1
I2C0
I2C2
QSPI0
SPI1
SPI3
I2S0
UART0
UART2
UART4
CAN0
EPWM0
BPWM0
SC0
SC2
USBD
RTC
TMR2
TMR3
I2C1
SPI0
SPI2
UART1
UART3
UART5
EPWM1
BPWM1
OTG
DAC
SC1
EADC
ACMP
USCI0
QEI0
ECAP0
USCI1
QEI1
ECAP1
TRNG
PDMA1
ISP
EBI
SDH0
CRC
CRYPTO
FMC
USBH
SRAM
GPIO
PDMA0
HIRC
HXT
HCLK
CLK_PCLKDIV[2:0]
100
011
010
001
000
101
1/32
1/16
1/8
1/4
1/2
CLK_PCLKDIV[6:4]
100
011
010
001
000
101
1/32
1/16
1/8
1/4
1/2
10 kHz
CLK_CLKSEL1[1:0]
HCLK
1/2048
32.768 kHz
11
10
01
LXT
LIRC
WDT
10 kHz
CLK_CLKSEL1[31:30]
HCLK
1/2048
11
10
LIRC
WWDT
USBD
1
0
PLLFOUT
CLK_CLKSEL0[8]
1/(USBDIV+1)
USBH
OTG
HIRC48
Figure 6.3-1 Clock Generator Global View Diagram (1/3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com