Electronic Components Datasheet Search
  English  ▼

X  

M263 Datasheet(PDF) 292 Page - Nuvoton Technology Corporation

Part # M263
Description  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M263 Datasheet(HTML) 292 Page - Nuvoton Technology Corporation

Back Button M263 Datasheet HTML 288Page - Nuvoton Technology Corporation M263 Datasheet HTML 289Page - Nuvoton Technology Corporation M263 Datasheet HTML 290Page - Nuvoton Technology Corporation M263 Datasheet HTML 291Page - Nuvoton Technology Corporation M263 Datasheet HTML 292Page - Nuvoton Technology Corporation M263 Datasheet HTML 293Page - Nuvoton Technology Corporation M263 Datasheet HTML 294Page - Nuvoton Technology Corporation M263 Datasheet HTML 295Page - Nuvoton Technology Corporation M263 Datasheet HTML 296Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 292 / 398 page
background image
M261/M262/M263
Mar 25, 2020
Page 292 of 398
Rev 1.02
6.3
Clock Controller
6.3.1
Overview
The clock controller generates clocks for the whole chip, including system clocks and all peripheral
clocks. The clock controller also implements the power control function with the individually clock
ON/OFF control, clock source selection and a clock divider. The chip will not enter Power-down mode
until CPU sets the Power-down enable bit PDEN (CLK_PWRCTL[7]) and core executes the WFI
instruction. After that, chip enters Power-down mode and wait for wake-up interrupt source triggered to
leave Power-down mode. In Power-down mode, the clock controller turns off the 4~24 MHz external
high speed crystal (HXT), 48 MHz internal high speed RC oscillator (HIRC48) and 12 MHz internal
high speed RC oscillator (HIRC) to reduce the overall system power consumption. Figure 6.3-1 to
Figure 6.3-3 show the clock generator and the overview of the clock source control.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com