Electronic Components Datasheet Search
  English  ▼

X  

M263 Datasheet(PDF) 294 Page - Nuvoton Technology Corporation

Part # M263
Description  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M263 Datasheet(HTML) 294 Page - Nuvoton Technology Corporation

Back Button M263 Datasheet HTML 290Page - Nuvoton Technology Corporation M263 Datasheet HTML 291Page - Nuvoton Technology Corporation M263 Datasheet HTML 292Page - Nuvoton Technology Corporation M263 Datasheet HTML 293Page - Nuvoton Technology Corporation M263 Datasheet HTML 294Page - Nuvoton Technology Corporation M263 Datasheet HTML 295Page - Nuvoton Technology Corporation M263 Datasheet HTML 296Page - Nuvoton Technology Corporation M263 Datasheet HTML 297Page - Nuvoton Technology Corporation M263 Datasheet HTML 298Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 294 / 398 page
background image
M261/M262/M263
Mar 25, 2020
Page 294 of 398
Rev 1.02
TMR 0
TMR 1
111
010
001
000
PCLK0
32.768 kHz
4~24 MHz
12 MHz
CLK_CLKSEL1 [10: 8]
CLK_CLKSEL1 [14:12]
101
10 kHz
011
TM0~TM1
HXT
LXT
TM0/TM1
HIRC
PCLK0
LIRC
TMR 2
TMR 3
111
010
001
000
CLK_CLKSEL1 [18:16]
CLK_CLKSEL1 [22:20]
101
011
TM2~TM3
TM2/TM3
UART 0
1/(UART0DIV+1)
11
10
01
00
4~24 MHz
HXT
32.768 kHz
LXT
PCLK1
PCLK1
10 kHz
LIRC
12 MHz
HIRC
4~24 MHz
HXT
PLLFOUT
PLL
32.768 kHz
LXT
12 MHz
HIRC
CLK_CLKSEL1[25:24]
CLK_CLKSEL1[27:26]
HCLK
4~24 MHz
12 MHz
32.768 kHz
CLK_CLKSEL1[29:28]
11
10
01
00
Clock Output
HXT
LXT
HIRC
HCLK
EPWM 0
PCLK0
SPI1
PCLK0
4~24 MHz
12 MHz
PLLFOUT
CLK_CLKSEL2[3:2]
CLK_CLKSEL2[7:6]
CLK_CLKSEL2[13:12]
11
10
01
00
QSPI0
SPI3
SPI2
PCLK1
4~24 MHz
12 MHz
PLLFOUT
CLK_CLKSEL2[5:4]
CLK_CLKSEL2[11:10]
11
10
01
00
SPI0
HIRC
PCLK0
PLLFOUT
HXT
HIRC
PCLK1
PLLFOUT
HXT
UART 1
1/(UART1DIV+1)
Note:
Before clock switching, both the pre-selected and newly selected clock sources must be turned on and
stable.
SC0
PCLK0
4~24 MHz
12 MHz
PLLFOUT
CLK_CLKSEL3[1:0]
11
10
01
00
1/(SC0DIV+1)
HIRC
PCLK0
PLL
HXT
CLK_CLKSEL3[5:4]
SC2
1/(SC2DIV+1)
SC1
PCLK1
4~24 MHz
12 MHz
PLLFOUT
CLK_CLKSEL3[3:2]
11
10
01
00
1/(SC1DIV+1)
HIRC
PCLK1
PLL
HXT
EPWM 1
PCLK1
BPWM 0
PCLK0
BPWM 1
PCLK1
UART 2
1/(UART2DIV+1)
11
10
01
00
4~24 MHz
HXT
PLLFOUT
PLL
32.768 kHz
LXT
12 MHz
HIRC
CLK_CLKSEL3[25:24]
CLK_CLKSEL3[27:26]
UART 3
1/(UART3DIV+1)
CLK_CLKSEL3[29:28]
CLK_CLKSEL3[31:30]
UART 4
1/(UART4DIV+1)
UART 5
1/(UART5DIV+1)
Figure 6.3-2 Clock Generator Global View Diagram (2/3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com