Electronic Components Datasheet Search
  English  ▼

X  

ATTINY412 Datasheet(PDF) 2 Page - Microchip Technology

Part # ATTINY412
Description  AVR짰 Microcontroller with Core Independent Peripherals and picoPower짰 technology
PDF  479 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATTINY412 Datasheet(HTML) 2 Page - Microchip Technology

  ATTINY412 Datasheet HTML 1Page - Microchip Technology ATTINY412 Datasheet HTML 2Page - Microchip Technology ATTINY412 Datasheet HTML 3Page - Microchip Technology ATTINY412 Datasheet HTML 4Page - Microchip Technology ATTINY412 Datasheet HTML 5Page - Microchip Technology ATTINY412 Datasheet HTML 6Page - Microchip Technology ATTINY412 Datasheet HTML 7Page - Microchip Technology ATTINY412 Datasheet HTML 8Page - Microchip Technology ATTINY412 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 479 page
background image
–
6-channel Event System
–
One 16-bit Timer/Counter Type A with Dedicated Period Register, Three Compare Channels
(TCA)
–
One 16-bit Timer/Counter type B with Input Capture (TCB)
–
One 12-bit Timer/Counter type D Optimized for Control Applications (TCD)
–
One 16-bit Real Time Counter (RTC) Running from External Crystal or Internal RC Oscillator
–
One USART with Fractional Baud Rate Generator, Auto-baud, and Start-of-frame Detection
–
Master/Slave Serial Peripheral Interface (SPI)
–
Master/Slave TWI with Dual Address Match
•
Standard Mode (Sm, 100kHz)
•
Fast Mode (Fm, 400kHz)
•
Fast Mode Plus (Fm+, 1MHz)
–
Configurable Custom Logic (CCL) with Two Programmable Lookup Tables (LUT)
–
Analog Comparator (AC) with Low Propagation Delay
–
10-bit 115ksps Analog to Digital Converter (ADC)
–
8-bit Digital to Analog Converter (DAC)
–
Five Selectable Internal Voltage References: 0.55V, 1.1V, 1.5V, 2.5V and 4.3V
–
Automated CRC Memory Scan
–
Watchdog Timer (WDT) with Window Mode, with Separate On-chip Oscillator
–
External Interrupt on All General Purpose Pins
•
I/O and Packages:
–
6 Programmable I/O Lines
–
8-pin SOIC150
•
Temperature Ranges:
–
-40°C to 105°C
–
-40°C to 125°C Temperature Graded Device Options Available
•
Speed Grades:
–
0-5MHz @ 1.8V – 5.5V
–
0-10MHz @ 2.7V – 5.5V
–
0-20MHz @ 4.5V – 5.5V
ATtiny212/412
© 2017 Microchip Technology Inc.
Datasheet Preliminary
DS40001911A-page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com