Electronic Components Datasheet Search
  English  ▼

X  

ATTINY412 Datasheet(PDF) 45 Page - Microchip Technology

Part # ATTINY412
Description  AVR짰 Microcontroller with Core Independent Peripherals and picoPower짰 technology
PDF  479 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATTINY412 Datasheet(HTML) 45 Page - Microchip Technology

Back Button ATTINY412 Datasheet HTML 41Page - Microchip Technology ATTINY412 Datasheet HTML 42Page - Microchip Technology ATTINY412 Datasheet HTML 43Page - Microchip Technology ATTINY412 Datasheet HTML 44Page - Microchip Technology ATTINY412 Datasheet HTML 45Page - Microchip Technology ATTINY412 Datasheet HTML 46Page - Microchip Technology ATTINY412 Datasheet HTML 47Page - Microchip Technology ATTINY412 Datasheet HTML 48Page - Microchip Technology ATTINY412 Datasheet HTML 49Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 479 page
background image
9.
NVMCTRL - Non Volatile Memory Controller
9.1
Features
•
Unified memory
•
In-system programmable
•
Self-programming and boot loader support
•
Configurable sections for write protection:
–
Boot section for boot loader code or application code
–
Application code section for application code
–
Application data section for application code or data storage
•
Signature Row for factory-programmed data:
–
ID for each device type
–
Serial number for each device
–
Calibration bytes for factory calibrated peripherals
•
User Row for application data:
–
32 bytes in size
–
Can be read and written from software
–
Can be written from UPDI on locked device
–
Content is kept after chip erase
9.2
Overview
The NVM Controller (NVMCTRL) is the interface between the device, the Flash, and the EEPROM. The
Flash and EEPROM are reprogrammable memory blocks that retain their values even when not powered.
The Flash is mainly used for program storage, but can also be used for data storage. The EEPROM is
used for data storage and can be programmed while the CPU is running the program from the Flash.
9.2.1
Block Diagram
Figure 9-1. NVMCTRL Block Diagram
Flash
EEPROM
NVM Block
Signature Row
User Row
NVMCTRL
Program Memory Bus
Data Memory Bus
9.2.2
System Dependencies
In order to use this peripheral, other parts of the system must be configured correctly, as described below.
ATtiny212/412
© 2017 Microchip Technology Inc.
Datasheet Preliminary
DS40001911A-page 45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com