Electronic Components Datasheet Search
  English  ▼

X  

ATTINY412 Datasheet(PDF) 39 Page - Microchip Technology

Part # ATTINY412
Description  AVR짰 Microcontroller with Core Independent Peripherals and picoPower짰 technology
PDF  479 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATTINY412 Datasheet(HTML) 39 Page - Microchip Technology

Back Button ATTINY412 Datasheet HTML 35Page - Microchip Technology ATTINY412 Datasheet HTML 36Page - Microchip Technology ATTINY412 Datasheet HTML 37Page - Microchip Technology ATTINY412 Datasheet HTML 38Page - Microchip Technology ATTINY412 Datasheet HTML 39Page - Microchip Technology ATTINY412 Datasheet HTML 40Page - Microchip Technology ATTINY412 Datasheet HTML 41Page - Microchip Technology ATTINY412 Datasheet HTML 42Page - Microchip Technology ATTINY412 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 479 page
background image
Figure 8-4. AVR CPU General Purpose Working Registers
...
...
7
0
R0
R1
R2
R13
R14
R15
R16
R17
R26
R27
R28
R29
R30
R31
Addr.
0x00
0x01
0x02
0x0D
0x0E
0x0F
0x10
0x11
0x1A
0x1B
0x1C
0x1D
0x1E
0x1F
X-register Low Byte
X-register High Byte
Y-register Low Byte
Y-register High Byte
Z-register Low Byte
Z-register High Byte
The register file is located in a separate address space and is therefore not accessible trough instructions
operation on data memory.
8.5.5.1
The X-, Y-, and Z- Registers
Registers R26...R31 have added functions besides their general-purpose usage.
These registers can form 16-bit address pointers for addressing data memory. These three address
registers are called the X-register, Y-register, and Z-register. Load and store instructions can use all X-, Y-
and Z-registers, while the LPM instructions can only use the Z-register. Indirect calls and jumps (ICALL
and IJMP) also use the Z-register.
Refer to the instruction set or Instruction Set Summary for more information about how the X-, Y- and Z-
registers are used.
Figure 8-5. The X-, Y- and Z-registers
Bit (individually)
X-register
Bit (X-register)
7
0
7
0
15
8
7
0
R27
R26
XH
XL
Bit (individually)
Y-register
Bit (Y-register)
7
0
7
0
15
8
7
0
R29
R28
YH
YL
Bit (individually)
Z-register
Bit (Z-register)
7
0
7
0
15
8
7
0
R31
R30
ZH
ZL
The lowest register address holds the least-significant byte (LSB), and the highest register address holds
the most-significant byte (MSB). In the different addressing modes, these address registers function as
fixed displacement, automatic increment, and automatic decrement.
Related Links
Instruction Set Summary
ATtiny212/412
© 2017 Microchip Technology Inc.
Datasheet Preliminary
DS40001911A-page 39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com