Electronic Components Datasheet Search
  English  ▼

X  

ATTINY412 Datasheet(PDF) 1 Page - Microchip Technology

Part # ATTINY412
Description  AVR짰 Microcontroller with Core Independent Peripherals and picoPower짰 technology
PDF  479 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATTINY412 Datasheet(HTML) 1 Page - Microchip Technology

  ATTINY412 Datasheet HTML 1Page - Microchip Technology ATTINY412 Datasheet HTML 2Page - Microchip Technology ATTINY412 Datasheet HTML 3Page - Microchip Technology ATTINY412 Datasheet HTML 4Page - Microchip Technology ATTINY412 Datasheet HTML 5Page - Microchip Technology ATTINY412 Datasheet HTML 6Page - Microchip Technology ATTINY412 Datasheet HTML 7Page - Microchip Technology ATTINY412 Datasheet HTML 8Page - Microchip Technology ATTINY412 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 479 page
background image
ATtiny212/412
AVR® Microcontroller with Core Independent Peripherals
and picoPower® technology
Introduction
The ATtiny212/412 microcontrollers are using the high-performance low-power AVR
® RISC architecture,
and is capable of running at up to 20MHz, with up to 2/4KB Flash, 128/256bytes of SRAM and
64/128bytes of EEPROM in a 8- pin package. The series uses the latest technologies with a flexible and
low power architecture including Event System and SleepWalking, accurate analog features and
advanced peripherals.
Features
•
CPU
–
AVR
® 8-bit CPU
–
Running at up to 20MHz
–
Single Cycle I/O Access
–
Two-level Interrupt Controller
–
Two-cycle Hardware Multiplier
•
Memories
–
2/4KB In-system self-programmable Flash Memory
–
64/128B EEPROM
–
128/256B SRAM
•
System
–
Power-on Reset (POR)
–
Brown-out Detection (BOD)
–
Clock Options:
•
16/20MHz Low Power Internal RC Oscillator
•
32.768kHz Ultra Low Power (ULP) Internal RC Oscillator
•
32.768kHz External Crystal Oscillator
•
External Clock Input
–
Single Pin Unified Program Debug Interface (UPDI)
–
Three Sleep Modes:
•
Idle with All Peripherals Running and Mode for Immediate Wake Up Time
•
Standby
–
Configurable Operation of Selected Peripherals
–
SleepWalking Peripherals
•
Power Down with Wake-up Functionality
•
Peripherals
© 2017 Microchip Technology Inc.
Datasheet Preliminary
DS40001911A-page 1


Similar Part No. - ATTINY412

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
ATTINY412 MICROCHIP-ATTINY412 Datasheet
1Mb / 17P
AVR® Microcontroller with Core Independent Peripherals and picoPower® Technology
ATTINY412-M MICROCHIP-ATTINY412-M Datasheet
1Mb / 17P
AVR® Microcontroller with Core Independent Peripherals and picoPower® Technology
ATTINY412-MF MICROCHIP-ATTINY412-MF Datasheet
1Mb / 17P
AVR® Microcontroller with Core Independent Peripherals and picoPower® Technology
ATTINY412-MFR MICROCHIP-ATTINY412-MFR Datasheet
1Mb / 17P
AVR® Microcontroller with Core Independent Peripherals and picoPower® Technology
ATTINY412-MN MICROCHIP-ATTINY412-MN Datasheet
1Mb / 17P
AVR® Microcontroller with Core Independent Peripherals and picoPower® Technology
More results

Similar Description - ATTINY412

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PSD4XX STMICROELECTRONICS-PSD4XX Datasheet
657Kb / 123P
Low Cost Field Programmable Microcontroller Peripherals
31-Jan-2002
PSD5XX STMICROELECTRONICS-PSD5XX Datasheet
1Mb / 153P
Low Cost Field Programmable Microcontroller Peripherals
31-Jan-2002
logo
ATMEL Corporation
ATTINY15 ATMEL-ATTINY15_01 Datasheet
1Mb / 79P
8-BIT AVR짰 Microcontroller with 1K Byte Flash
AT32UC3B0512 ATMEL-AT32UC3B0512_1 Datasheet
10Mb / 676P
32-bit AVR짰 Microcontroller
AT32UC3L064 ATMEL-AT32UC3L064_2 Datasheet
10Mb / 830P
32-bit AVR짰 Microcontroller
AT32UC3A3256S ATMEL-AT32UC3A3256S_11 Datasheet
1Mb / 91P
32-bit AVR짰 Microcontroller
AT32UC3B0512 ATMEL-AT32UC3B0512_11 Datasheet
1Mb / 105P
32-bit AVR짰 Microcontroller
logo
STMicroelectronics
PSD312B-70J STMICROELECTRONICS-PSD312B-70J Datasheet
1Mb / 85P
Low Cost Field Programmable Microcontroller Peripherals
31-Jan-2002
logo
Microchip Technology
ATTINY214 MICROCHIP-ATTINY214 Datasheet
3Mb / 497P
AVR짰 Microcontroller with Core Independent Peripherals and picoPower짰 Technology
2017
ATTINY417 MICROCHIP-ATTINY417 Datasheet
4Mb / 492P
AVR짰 Microcontroller with Core Independent Peripherals and picoPower짰 Technology
2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com