Electronic Components Datasheet Search
  English  ▼

X  

ATTINY412 Datasheet(PDF) 68 Page - Microchip Technology

Part # ATTINY412
Description  AVR짰 Microcontroller with Core Independent Peripherals and picoPower짰 technology
PDF  479 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATTINY412 Datasheet(HTML) 68 Page - Microchip Technology

Back Button ATTINY412 Datasheet HTML 64Page - Microchip Technology ATTINY412 Datasheet HTML 65Page - Microchip Technology ATTINY412 Datasheet HTML 66Page - Microchip Technology ATTINY412 Datasheet HTML 67Page - Microchip Technology ATTINY412 Datasheet HTML 68Page - Microchip Technology ATTINY412 Datasheet HTML 69Page - Microchip Technology ATTINY412 Datasheet HTML 70Page - Microchip Technology ATTINY412 Datasheet HTML 71Page - Microchip Technology ATTINY412 Datasheet HTML 72Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 479 page
background image
It takes 4 oscillator cycles to open the clock gate after a request but the oscillator analog start-up time will
be removed when this bit is set.
10.5.9
32.768kHz Crystal Oscillator Control A
The SEL and CSUT bits cannot be changed as long as the ENABLE bit is set or the XOSC32K Stable bit
(XOSC32KS) in CLKCTRL.MCLKSTATUS is high.
To change settings in a safe way: write a '0' to the ENABLE bit and wait until XOSC32KS is '0' before re-
enabling the XOSC32K with new settings.
Name: 
XOSC32KCTRLA
Offset:  0x1C
Reset: 
0x00
Property:
 
Configuration Change Protection
Bit
7
6
5
4
3
2
1
0
CSUT[1:0]
SEL
RUNSTDBY
ENABLE
Access
R
R
R/W
R/W
R
R/W
R/W
R/W
Reset
0
0
0
0
0
0
0
0
Bits 5:4 – CSUT[1:0]: Crystal Start-Up Time
These bits select the start-up time for the XOSC32K. It is write protected when the oscillator is enabled
(ENABLE=1).
If SEL=1, the start-up time will not be applied.
Value
Name
Description
0x0
1K
1k cycles
0x1
16K
16k cycles
0x2
32K
32k cycles
0x3
64K
64k cycles
Bit 2 – SEL: Source Select
This bit select the external source type. It is write protected when the oscillator is enabled (ENABLE=1).
Value
Description
0
External crystal
1
External clock on TOSC1 pin
Bit 1 – RUNSTDBY: Run Standby
Writing this bit to '1' starts the crystal oscillator and forces the oscillator on in all modes, even when
unused by the system if the ENABLE bit is set. In standby sleep mode this can be used to ensure
immediate wake-up and not waiting for oscillator start-up time. When this bit is '0', the crystal oscillator is
only running when requested and the ENABLE bit is set.
The output of XOSC32K is not sent to other peripherals unless it is requested by one or more peripherals.
When the RUNSTDBY bit is set there will only be a delay of two to three crystal oscillator cycles after a
request until the oscillator output is received, if the initial crystal start-up time already has completed.
According to RUNSTBY bit, the oscillator will be turned on all the time if the device is in Active, Idle or
Standby sleep mode, or only be enabled when requested.
This bit is I/O protected to prevent unintentional enabling of the oscillator.
ATtiny212/412
© 2017 Microchip Technology Inc.
Datasheet Preliminary
DS40001911A-page 68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com