Electronic Components Datasheet Search
  English  ▼

X  

ATTINY412 Datasheet(PDF) 83 Page - Microchip Technology

Part # ATTINY412
Description  AVR짰 Microcontroller with Core Independent Peripherals and picoPower짰 technology
PDF  479 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATTINY412 Datasheet(HTML) 83 Page - Microchip Technology

Back Button ATTINY412 Datasheet HTML 79Page - Microchip Technology ATTINY412 Datasheet HTML 80Page - Microchip Technology ATTINY412 Datasheet HTML 81Page - Microchip Technology ATTINY412 Datasheet HTML 82Page - Microchip Technology ATTINY412 Datasheet HTML 83Page - Microchip Technology ATTINY412 Datasheet HTML 84Page - Microchip Technology ATTINY412 Datasheet HTML 85Page - Microchip Technology ATTINY412 Datasheet HTML 86Page - Microchip Technology ATTINY412 Datasheet HTML 87Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 479 page
background image
13.2.3.5 Debug Operation
When run-time debugging, this peripheral will continue normal operation. Halting the CPU in debugging
mode will halt normal operation of the peripheral.
If the peripheral is configured to require periodical service by the CPU through interrupts or similar,
improper operation or data loss may result during halted debugging.
Related Links
UPDI - Unified Program and Debug Interface
13.3
Functional Description
13.3.1
Initialization
An interrupt must be initialized in the following order:
1.
Configure the CPUINT if the default configuration is not adequate (optional):
–
Vector handling is configured by writing to the respective bits (IVSEL and CVT) in the Control
A register (CPUINT.CTRLA).
–
Vector prioritizing by round-robin is enabled by writing a '1' to the Round-Robin Priority Enable
bit (LVL0RR) in CPUINT.CTRLA.
–
Select the priority level 1 vector by writing its address to the Interrupt Vector (LVL1VEC) in the
Level 1 Priority register (CPUINT.LVL1VEC).
2.
Configure the interrupt conditions within the peripheral, and enable the peripheral's interrupt.
3.
Enable interrupts globally by writing a '1' to the Global Interrupt Enable bit (I) in the CPU Status
register (CPU.SREG).
13.3.2
Operation
13.3.2.1 Enabling, Disabling, and Resetting
Global enabling of interrupts is done by writing a '1' to the Global Interrupt Enable bit (I) in the CPU Status
register (CPU.SREG). To disable interrupts globally, write a '0' to the I bit in CPU.SREG.
The desired interrupt lines must also be enabled in the respective peripheral, by writing to the peripheral's
Interrupt Control register ([peripheral].INTCTRL).
Interrupt flags are not automatically cleared after the interrupt is executed. The respective INTFLAGS
register descriptions provide information on how to clear specific flags.
13.3.2.2 Interrupt Vector Locations
The table below shows Reset addresses and Interrupt vector placement, dependent on the value of
Interrupt Vector Select bit (IVSEL) in the Control A register (CPUINT.CTRLA).
If the program never enables an interrupt source, the Interrupt Vectors are not used, and regular program
code can be placed at these locations.
Table 13-2. Reset and Interrupt Vector Placement
IVSEL
Reset address
Interrupt vectors start address
0
0x0000
Application start address +
Interrupt vector offset address
1
0x0000
Interrupt vector offset address
ATtiny212/412
© 2017 Microchip Technology Inc.
Datasheet Preliminary
DS40001911A-page 83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com