Electronic Components Datasheet Search
  English  ▼

X  

ATTINY412 Datasheet(PDF) 17 Page - Microchip Technology

Part # ATTINY412
Description  AVR짰 Microcontroller with Core Independent Peripherals and picoPower짰 technology
PDF  479 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATTINY412 Datasheet(HTML) 17 Page - Microchip Technology

Back Button ATTINY412 Datasheet HTML 13Page - Microchip Technology ATTINY412 Datasheet HTML 14Page - Microchip Technology ATTINY412 Datasheet HTML 15Page - Microchip Technology ATTINY412 Datasheet HTML 16Page - Microchip Technology ATTINY412 Datasheet HTML 17Page - Microchip Technology ATTINY412 Datasheet HTML 18Page - Microchip Technology ATTINY412 Datasheet HTML 19Page - Microchip Technology ATTINY412 Datasheet HTML 20Page - Microchip Technology ATTINY412 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 479 page
background image
The program counter is 11 bits wide to address the whole program memory. The procedure for writing
Flash memory is described in detail in the documentation of the Non-Volatile Memory Controller
(NVMCTRL) peripheral.
The entire Flash memory is mapped in the memory space and is accessible with normal LD/ST
instructions as well as the LPM instruction. For LD/ST instructions, the Flash is mapped from address
0x8000. For the LPM instruction, the Flash start address is 0x0000.
The ATtiny212/412 also has a CRC module that is a master on the bus. If the CRC is configured to run in
the background it will read the Flash memory and can affect the program timing.
Related Links
Configuration Summary
NVMCTRL - Non Volatile Memory Controller
6.4
SRAM Data Memory
The 128B/256B SRAM is used for data storage and stack.
Related Links
AVR CPU
Stack and Stack Pointer
6.5
EEPROM Data Memory
The ATtiny212/412 has 64/128 bytes of EEPROM data memory, see Memory Map. The EEPROM
memory supports single byte read and write. The EEPROM is controlled by the Non-Volatile Memory
Controller (NVMCTRL).
Related Links
Memory Map
NVMCTRL - Non Volatile Memory Controller
6.6
User Row
In addition to the EEPROM, the ATtiny212/412 has one extra page of EEPROM memory that can be used
for firmware settings, the User Row (USERROW). This memory supports single byte read and write as
the normal EEPROM. The CPU can write and read this memory as normal EEPROM and the UPDI can
write and read it as a normal EEPROM memory if the part is unlocked. The User Row can also be written
by the UPDI when the part is locked. USERROW is not affected by a chip erase.
Related Links
Memory Map
NVMCTRL - Non Volatile Memory Controller
UPDI - Unified Program and Debug Interface
6.7
Signature Bytes
All Atmel microcontrollers have a three-byte signature code which identifies the device. This code can be
read in both serial and parallel mode, also when the device is locked. The three bytes reside in a
separate address space. For the device the signature bytes are given in the following table.
ATtiny212/412
© 2017 Microchip Technology Inc.
Datasheet Preliminary
DS40001911A-page 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com