Electronic Components Datasheet Search
  English  ▼

X  

ATTINY412 Datasheet(PDF) 14 Page - Microchip Technology

Part # ATTINY412
Description  AVR짰 Microcontroller with Core Independent Peripherals and picoPower짰 technology
PDF  479 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATTINY412 Datasheet(HTML) 14 Page - Microchip Technology

Back Button ATTINY412 Datasheet HTML 10Page - Microchip Technology ATTINY412 Datasheet HTML 11Page - Microchip Technology ATTINY412 Datasheet HTML 12Page - Microchip Technology ATTINY412 Datasheet HTML 13Page - Microchip Technology ATTINY412 Datasheet HTML 14Page - Microchip Technology ATTINY412 Datasheet HTML 15Page - Microchip Technology ATTINY412 Datasheet HTML 16Page - Microchip Technology ATTINY412 Datasheet HTML 17Page - Microchip Technology ATTINY412 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 479 page
background image
5.
I/O Multiplexing and Considerations
5.1
Multiplexed Signals
Table 5-1. PORT Function Multiplexing
Pin Name
(1,2)
Other/
Special
ADC0
AC0
DAC0
USART0
SPI0
TWI0
TCA0
TCB0
TCD0
CCL
6
PA0
RESET
UPDI
AIN0
LUT0-IN0
4
PA1
BREAK
AIN1
TXD
MOSI
SDA
LUT0-IN1
5
PA2
EVOUT0
AIN2
RxD
MISO
SCL
LUT0-IN2
7
PA3
EXTCLK
AIN3
XCK
SCK
WO3
8
GND
1
VDD
2
PA6
AIN6
AINN0
OUT
3
PA7
AIN7
AINP0
LUT1-OUT
Note: 
1.
Pins names are of type Pxn, with x being the PORT instance (A,B) and n the pin number. Notation
for signals is PORTx_PINn. All pins can be used as event input.
2.
All pins can be used for external interrupt, where pins Px2 and Px6 of each port have full
asynchronous detection.
Tip:  Signals on alternative pin locations are in typewriter font.
ATtiny212/412
© 2017 Microchip Technology Inc.
Datasheet Preliminary
DS40001911A-page 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com