Electronic Components Datasheet Search
  English  ▼

X  

LAN9514 Datasheet(PDF) 23 Page - Microchip Technology

Part # LAN9514
Description  USB 2.0 Hub and 10/100 Ethernet Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9514 Datasheet(HTML) 23 Page - Microchip Technology

Back Button LAN9514 Datasheet HTML 19Page - Microchip Technology LAN9514 Datasheet HTML 20Page - Microchip Technology LAN9514 Datasheet HTML 21Page - Microchip Technology LAN9514 Datasheet HTML 22Page - Microchip Technology LAN9514 Datasheet HTML 23Page - Microchip Technology LAN9514 Datasheet HTML 24Page - Microchip Technology LAN9514 Datasheet HTML 25Page - Microchip Technology LAN9514 Datasheet HTML 26Page - Microchip Technology LAN9514 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 54 page
background image
 2009-2016 Microchip Technology Inc.
DS00002306A-page 23
LAN9514/LAN9514I
2Ah
Port Disable (Self) Register (PDS)
Disables 1 or more ports.
0 = Port is available
1 = Port is disabled
During Self-Powered operation, this selects the ports which will be permanently
disabled, and are not available to be enabled or enumerated by a host controller.
The ports can be disabled in any order, the internal logic will automatically report the
correct number of enabled ports to the USB host, and will reorder the active ports in
order to ensure proper function.
Bit 7 = RESERVED
Bit 6 = RESERVED
Bit 5 = 1; Port 5 disabled
Bit 4 = 1; Port 4 disabled
Bit 3 = 1; Port 3 disabled
Bit 2 = 1; Port 2 disabled
Bit 1 = 1; Port 1 disabled
Bit 0 is RESERVED, always = 0b
00h
2Bh
Port Disable (Bus) Register (PDB)
Disables 1 or more ports.
0 = Port is available
1 = Port is disabled
During Bus-Powered operation, this selects the ports which will be permanently
disabled, and are not available to be enabled or enumerated by a host controller.
The ports can be disabled in any order, the internal logic will automatically report the
correct number of enabled ports to the USB host, and will reorder the active ports in
order to ensure proper function.
Bit 7 = RESERVED
Bit 6 = RESERVED
Bit 5 = 1; Port 5 disabled
Bit 4 = 1; Port 4 disabled
Bit 3 = 1; Port 3 disabled
Bit 2 = 1; Port 2 disabled
Bit 1 = 1; Port 1 disabled
Bit 0 is RESERVED, always = 0b
00h
2Ch
Max Power (Self) Register (MAXPS)
Value in 2 mA increments that the Hub consumes from an upstream port (VBUS)
when operating as a self-powered hub. This value includes the hub silicon along with
the combined power consumption (from VBUS) of all associated circuitry on the
board. This value also includes the power consumption of a permanently attached
peripheral if the hub is configured as a compound device, and the embedded
peripheral reports 0 mA in its descriptors.
Note:
The USB 2.0 Specification does not permit this value to exceed 100 mA.
01h
2Dh
Max Power (Bus) Register (MAXPB)
Value in 2 mA increments that the Hub consumes from an upstream port (VBUS)
when operating as a bus-powered hub. This value includes the hub silicon along with
the combined power consumption (from VBUS) of all associated circuitry on the
board. This value also includes the power consumption of a permanently attached
peripheral if the hub is configured as a compound device, and the embedded
peripheral reports 0 mA in its descriptors.
00h
TABLE 3-3:
HUB CONFIGURATION (CONTINUED)
EEPROM
Offset
Description
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com