Electronic Components Datasheet Search
  English  ▼

X  

LAN9514 Datasheet(PDF) 30 Page - Microchip Technology

Part # LAN9514
Description  USB 2.0 Hub and 10/100 Ethernet Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9514 Datasheet(HTML) 30 Page - Microchip Technology

Back Button LAN9514 Datasheet HTML 26Page - Microchip Technology LAN9514 Datasheet HTML 27Page - Microchip Technology LAN9514 Datasheet HTML 28Page - Microchip Technology LAN9514 Datasheet HTML 29Page - Microchip Technology LAN9514 Datasheet HTML 30Page - Microchip Technology LAN9514 Datasheet HTML 31Page - Microchip Technology LAN9514 Datasheet HTML 32Page - Microchip Technology LAN9514 Datasheet HTML 33Page - Microchip Technology LAN9514 Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 54 page
background image
LAN9514/LAN9514I
DS00002306A-page 30
 2009-2016 Microchip Technology Inc.
3
Port Re-Mapping Enable (PRTMAP_EN)
Selects the method used by the Hub to assign port numbers and disable ports.
0 = Standard Mode. The following EEPROM addresses are used to define which
ports are enabled. The ports mapped as Port’n’ on the Hub are reported as Port’n’
to the host, unless one of the ports is disabled, then the higher numbered ports are
remapped in order to report contiguous port numbers to the host.
EEPROM Address 2Ah: Port Disable for Self-Powered operation
EEPROM Address 2Bh: Port Disable for Bus-Powered operation
1 = Port Re-Map mode. The mode enables remapping via the following EEPROM
addresses:
EEPROM Address 36h: Port Remap 12
EEPROM Address 37h: Port Remap 34
EEPROM Address 38h: Port Remap 5
0b
2:0
RESERVED
000b
TABLE 3-7:
BOOST_UP REGISTER (BOOSTUP) FORMAT
Bits
Description
Default
7:2
RESERVED
000000b
1:0
Upstream USB Electrical Signaling Drive Strength Boost Bit for Upstream Port
A (BOOST_IOUT_A)
00 = Normal electrical drive strength
01 = Elevated electrical drive strength (+4% boost)
10 = Elevated electrical drive strength (+8% boost)
11 = Elevated electrical drive strength (+12% boost)
00b
TABLE 3-8:
BOOST_3:2 REGISTER (BOOST32) FORMAT
Bits
Description
Default
7:2
RESERVED
000000b
1:0
Upstream USB Electrical Signaling Drive Strength Boost Bit for Downstream
Port 5 (BOOST_IOUT_5)
00 = Normal electrical drive strength
01 = Elevated electrical drive strength (+4% boost)
10 = Elevated electrical drive strength (+8% boost)
11 = Elevated electrical drive strength (+12% boost)
00b
TABLE 3-6:
CONFIG DATA BYTE 3 REGISTER (CFG3) FORMAT (CONTINUED)
Bits
Description
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com