Electronic Components Datasheet Search
  English  ▼

X  

LAN9514 Datasheet(PDF) 9 Page - Microchip Technology

Part # LAN9514
Description  USB 2.0 Hub and 10/100 Ethernet Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9514 Datasheet(HTML) 9 Page - Microchip Technology

Back Button LAN9514 Datasheet HTML 5Page - Microchip Technology LAN9514 Datasheet HTML 6Page - Microchip Technology LAN9514 Datasheet HTML 7Page - Microchip Technology LAN9514 Datasheet HTML 8Page - Microchip Technology LAN9514 Datasheet HTML 9Page - Microchip Technology LAN9514 Datasheet HTML 10Page - Microchip Technology LAN9514 Datasheet HTML 11Page - Microchip Technology LAN9514 Datasheet HTML 12Page - Microchip Technology LAN9514 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 54 page
background image
 2009-2016 Microchip Technology Inc.
DS00002306A-page 9
LAN9514/LAN9514I
1
Detect
Upstream VBUS
Power
VBUS_DET
IS_5V
This pin detects the state of the upstream bus
power. The Hub monitors VBUS_DET to determine
when to assert the USBDP0 pin's internal pull-up
resistor (signaling a connect event).
For bus-powered hubs, this pin must be tied to
VDD33IO.
For self-powered hubs where the device is
permanently attached to a host, VBUS_DET should
be pulled to VDD33IO. For other self-powered
applications, refer to the device reference
schematic for additional connection information.
1
Auto-MDIX
Enable
AUTOMDIX_EN
IS
Determines the default Auto-MDIX setting.
0 = Auto-MDIX is disabled.
1 = Auto-MDIX is enabled.
1
Test 1
TEST1
—
Used for factory testing, this pin must always be left
unconnected.
1
Test 2
TEST2
—
Used for factory testing, this pin must always be
connected to VSS for proper operation.
1
Test 3
TEST3
—
Used for factory testing, this pin must always be
connected to VDD33IO for proper operation.
1
24 MHz Clock
Enable
CLK24_EN
IS
This pin enables the generation of the 24 MHz
clock on the CLK_24_OUT pin.
1
24 MHz Clock
CLK24_OUT
08
This pin outputs a 24 MHz clock that can be used
a reference clock for a partner hub.
1
Test 4
TEST4
—
Used for factory testing, this pin must always be left
unconnected.
TABLE 2-4:
USB PINS
Num
PINs
Name
Symbol
Buffer
Type
Description
1
Upstream
USB DMINUS 0
USBDM0
AIO
Upstream USB DMINUS signal.
1
Upstream
USB
DPLUS 0
USBDP0
AIO
Upstream USB DPLUS signal.
1
Downstream
USB DMINUS 2
USBDM2
AIO
Downstream USB peripheral 2 DMINUS signal.
1
Downstream
USB DPLUS 2
USBDP2
AIO
Downstream USB peripheral 2 DPLUS signal.
TABLE 2-3:
MISCELLANEOUS PINS (CONTINUED)
Num
PINs
Name
Symbol
Buffer
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com