Electronic Components Datasheet Search
  English  ▼

X  

LAN9514 Datasheet(PDF) 29 Page - Microchip Technology

Part # LAN9514
Description  USB 2.0 Hub and 10/100 Ethernet Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9514 Datasheet(HTML) 29 Page - Microchip Technology

Back Button LAN9514 Datasheet HTML 25Page - Microchip Technology LAN9514 Datasheet HTML 26Page - Microchip Technology LAN9514 Datasheet HTML 27Page - Microchip Technology LAN9514 Datasheet HTML 28Page - Microchip Technology LAN9514 Datasheet HTML 29Page - Microchip Technology LAN9514 Datasheet HTML 30Page - Microchip Technology LAN9514 Datasheet HTML 31Page - Microchip Technology LAN9514 Datasheet HTML 32Page - Microchip Technology LAN9514 Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 54 page
background image
 2009-2016 Microchip Technology Inc.
DS00002306A-page 29
LAN9514/LAN9514I
2:1
Over Current Sense (CURRENT_SNS)
Selects current sensing on a port-by-port basis, all ports ganged, or none (only for
bus-powered hubs) The ability to support current sensing on a port or ganged basis
is hardware implementation dependent.
00 = Ganged sensing (all ports together)
01 = Individual port-by-port
1x = Over current sensing not supported (must only be used with Bus- Powered
configurations!)
01b
0
Port Power Switching (PORT_PWR)
Enables power switching on all ports simultaneously (ganged), or port power
is individually switched on and off on a port by port basis (individual). The
ability to support power enabling on a port or ganged basis is hardware
implementation dependent.
0 = Ganged switching (all ports together)
1 = Individual port by port switching
1b
TABLE 3-5:
CONFIG DATA BYTE 2 REGISTER (CFG2) FORMAT
BITS
DESCRIPTION
DEFAULT
7:6
RESERVED
00b
5:4
Over Current Timer (OC_TIMER)
Over Current Timer delay
00 = 50 ns
01 = 100 ns (This is the recommended value)
10 = 200 ns
11 = 400 ns
01b
3
Compound Device (COMPOUND)
Allows the OEM to indicate that the Hub is part of a compound (see the USB
Specification for definition) device. The applicable port(s) must also be defined as
having a “Non-Removable Device”.
0 = No
1 = Yes, Hub is part of a compound device
1b
2:0
RESERVED
000b
TABLE 3-6:
CONFIG DATA BYTE 3 REGISTER (CFG3) FORMAT
Bits
Description
Default
7:4
RESERVED
0h
TABLE 3-4:
CONFIG DATA BYTE 1 REGISTER (CFG1) FORMAT (CONTINUED)
Bits
Description
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com