Electronic Components Datasheet Search
  English  ▼

X  

LAN9514 Datasheet(PDF) 48 Page - Microchip Technology

Part # LAN9514
Description  USB 2.0 Hub and 10/100 Ethernet Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9514 Datasheet(HTML) 48 Page - Microchip Technology

Back Button LAN9514 Datasheet HTML 44Page - Microchip Technology LAN9514 Datasheet HTML 45Page - Microchip Technology LAN9514 Datasheet HTML 46Page - Microchip Technology LAN9514 Datasheet HTML 47Page - Microchip Technology LAN9514 Datasheet HTML 48Page - Microchip Technology LAN9514 Datasheet HTML 49Page - Microchip Technology LAN9514 Datasheet HTML 50Page - Microchip Technology LAN9514 Datasheet HTML 51Page - Microchip Technology LAN9514 Datasheet HTML 52Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 54 page
background image
LAN9514/LAN9514I
DS00002306A-page 48
 2009-2016 Microchip Technology Inc.
Note 1: All dimensions are in millimeters unless otherwise noted.
2: Dimension “b” applies to plated terminals and is measured between 0.15 and 0.30 mm from the terminal tip.
3: Details of terminal #1 identifier are optional, but must be located within the area indicated. The terminal #1
identifier may be either a mold or marked feature.
b
0.18
0.25
0.30
Terminal Width
e
0.50 BSC
Terminal Pitch
K
0.35
—
—
Pin to Center Pad Clearance
FIGURE 5-2:
LAN9514/LAN9514I RECOMMENDED PCB LAND PATTERN
TABLE 5-1:
LAN9514/LAN9514I 64-QFN DIMENSIONS (CONTINUED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com