Electronic Components Datasheet Search
  English  ▼

X  

LAN9514 Datasheet(PDF) 35 Page - Microchip Technology

Part # LAN9514
Description  USB 2.0 Hub and 10/100 Ethernet Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9514 Datasheet(HTML) 35 Page - Microchip Technology

Back Button LAN9514 Datasheet HTML 31Page - Microchip Technology LAN9514 Datasheet HTML 32Page - Microchip Technology LAN9514 Datasheet HTML 33Page - Microchip Technology LAN9514 Datasheet HTML 34Page - Microchip Technology LAN9514 Datasheet HTML 35Page - Microchip Technology LAN9514 Datasheet HTML 36Page - Microchip Technology LAN9514 Datasheet HTML 37Page - Microchip Technology LAN9514 Datasheet HTML 38Page - Microchip Technology LAN9514 Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 54 page
background image
 2009-2016 Microchip Technology Inc.
DS00002306A-page 35
LAN9514/LAN9514I
28h
00
Config Data Byte 3 Register (CFG3)
29h
02
Non-Removable Devices Register (NRD)
2Ah
00
Port Disable (Self) Register (PDS)
2Bh
00
Port Disable (Bus) Register (PDB)
2Ch
01
Max Power (Self) Register (MAXPS)
2Dh
00
Max Power (Bus) Register (MAXPB)
2Eh
01
Hub Controller Max Current (Self) Register (HCMCS)
2Fh
00
Hub Controller Max Current (Bus) Register (HCMCB)
30h
32
Power-on Time Register (PWRT)
31h
00
Boost_Up Register (BOOSTUP)
32h
00
Boost_7:5 Register (BOOST75)
33h
00
Boost_4:2 Register (BOOST42)
34h
00
RESERVED
35h
00
Port Swap Register (PRTSP)
36h
21
Port Remap 12 Register (PRTR12)
37h
43
Port Remap 34 Register (PRTR34)
38h
05
Port Remap 5 Register (PRTR5)
39h
01
Status/Command Register (STCD)
3A
0A
Size of Manufacturer ID String Descriptor (10 bytes)
3Bh
03
Descriptor Type (String Descriptor - 03h)
3Ch-43h
53 00 4D 00 53 00 43 00
Manufacturer ID String (“SMSC” in UNICODE)
44h
12
Size of Hi-Speed Device Descriptor in Bytes (18 bytes)
45h
01
Descriptor Type (Device Descriptor - 01h)
46h-47h
00 02
USB Specification Number that the device complies with (0200h)
48h
FF
Class Code
49h
00
Subclass Code
4Ah
FF
Protocol Code
4Bh
40
Maximum Packet Size for Endpoint 0
4Ch-4Dh
24 04
Vendor ID (0424h)
4Eh-4Fh
00 EC
Product ID (EC00h)
50h-51h
00 01
Device Release Number (0100h)
TABLE 3-13:
EEPROM EXAMPLE - 256 BYTE EEPROM (CONTINUED)
EEPROM
Address
EEPROM
Contents
(Hex)
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com