Electronic Components Datasheet Search
  English  ▼

X  

LAN9514 Datasheet(PDF) 10 Page - Microchip Technology

Part # LAN9514
Description  USB 2.0 Hub and 10/100 Ethernet Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9514 Datasheet(HTML) 10 Page - Microchip Technology

Back Button LAN9514 Datasheet HTML 6Page - Microchip Technology LAN9514 Datasheet HTML 7Page - Microchip Technology LAN9514 Datasheet HTML 8Page - Microchip Technology LAN9514 Datasheet HTML 9Page - Microchip Technology LAN9514 Datasheet HTML 10Page - Microchip Technology LAN9514 Datasheet HTML 11Page - Microchip Technology LAN9514 Datasheet HTML 12Page - Microchip Technology LAN9514 Datasheet HTML 13Page - Microchip Technology LAN9514 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 54 page
background image
LAN9514/LAN9514I
DS00002306A-page 10
 2009-2016 Microchip Technology Inc.
1
Downstream
USB DMINUS 3
USBDM3
AIO
Downstream USB peripheral 3 DMINUS signal.
1
Downstream
USB DPLUS 3
USBDP3
AIO
Downstream USB peripheral 3 DPLUS signal.
1
Downstream
USB DMINUS 4
USBDM4
AIO
Downstream USB peripheral 4 DMINUS signal.
1
Downstream
USB DPLUS 4
USBDP4
AIO
Downstream USB peripheral 4 DPLUS signal.
1
Downstream
USB DMINUS 5
USBDM5
AIO
Downstream USB peripheral 5 DMINUS signal.
1
Downstream
USB DPLUS 5
USBDP5
AIO
Downstream USB peripheral 5 DPLUS signal.
1
USB Port Power
Control 2
PRTCTL2
IS/OD12
(PU)
When used as an output, this pin enables power to
downstream USB peripheral 2.
When used as an input, this pin is used to sample
the output signal from an external current monitor
for downstream USB peripheral 2. An overcurrent
condition is indicated when the signal is low.
Refer to Section 2.2 for additional information.
1
USB Port Power
Control 3
PRTCTL3
IS/OD12
(PU)
When used as an output, this pin enables power to
downstream USB peripheral 3.
When used as an input, this pin is used to sample
the output signal from an external current monitor
for downstream USB peripheral 3. An overcurrent
condition is indicated when the signal is low.
Refer to Section 2.2 for additional information.
1
USB Port Power
Control 4
PRTCTL4
IS/OD12
(PU)
When used as an output, this pin enables power to
downstream USB peripheral 4.
When used as an input, this pin is used to sample
the output signal from an external current monitor
for downstream USB peripheral 4. An overcurrent
condition is indicated when the signal is low.
Refer to Section 2.2 for additional information.
1
USB Port Power
Control 5
PRTCTL5
IS/OD12
(PU)
When used as an output, this pin enables power to
downstream USB peripheral 5.
When used as an input, this pin is used to sample
the output signal from an external current monitor
for downstream USB peripheral 5. An overcurrent
condition is indicated when the signal is low.
Refer to Section 2.2 for additional information.
1
External USB
Bias Resistor
USBRBIAS
AI
Used for setting HS transmit current level and on-
chip termination impedance. Connect to an
external 12K 1.0% resistor to ground.
TABLE 2-4:
USB PINS (CONTINUED)
Num
PINs
Name
Symbol
Buffer
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com