Electronic Components Datasheet Search
  English  ▼

X  

LAN9514 Datasheet(PDF) 52 Page - Microchip Technology

Part # LAN9514
Description  USB 2.0 Hub and 10/100 Ethernet Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9514 Datasheet(HTML) 52 Page - Microchip Technology

Back Button LAN9514 Datasheet HTML 46Page - Microchip Technology LAN9514 Datasheet HTML 47Page - Microchip Technology LAN9514 Datasheet HTML 48Page - Microchip Technology LAN9514 Datasheet HTML 49Page - Microchip Technology LAN9514 Datasheet HTML 50Page - Microchip Technology LAN9514 Datasheet HTML 51Page - Microchip Technology LAN9514 Datasheet HTML 52Page - Microchip Technology LAN9514 Datasheet HTML 53Page - Microchip Technology LAN9514 Datasheet HTML 54Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 52 / 54 page
background image
LAN9514/LAN9514I
DS00002306A-page 52
 2009-2016 Microchip Technology Inc.
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
LAN9514
Temperature
Range:
Blank =
0
C to +70C
(Extended Commercial)
i= -40
C to +85C
(Industrial)
Package:
JZX
=
64-pin QFN lead-free RoHS compliant
Tape and Reel
Option:
Blank = Standard packaging (tray)
Examples:
a)
LAN9514-JZX for 64-pin, QFN lead-free RoHS
compliant package (0 to +70°C temp range)
b)
LAN9514i-JZX for 64-pin, QFN lead-free RoHS
compliant package (-40 to +85°C temp range)
Note 1:
This product meets the halogen maximum
concentration values per IEC61249-2-21
For RoHS compliance and environmental
information, please visit www.microchip.com/
rohs
PART NO.
[X]
XXX
Package
Temperature
Range
Device
[X](1)
Tape and Reel
Option
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com