Electronic Components Datasheet Search
  English  ▼

X  

LAN9514 Datasheet(PDF) 38 Page - Microchip Technology

Part # LAN9514
Description  USB 2.0 Hub and 10/100 Ethernet Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9514 Datasheet(HTML) 38 Page - Microchip Technology

Back Button LAN9514 Datasheet HTML 34Page - Microchip Technology LAN9514 Datasheet HTML 35Page - Microchip Technology LAN9514 Datasheet HTML 36Page - Microchip Technology LAN9514 Datasheet HTML 37Page - Microchip Technology LAN9514 Datasheet HTML 38Page - Microchip Technology LAN9514 Datasheet HTML 39Page - Microchip Technology LAN9514 Datasheet HTML 40Page - Microchip Technology LAN9514 Datasheet HTML 41Page - Microchip Technology LAN9514 Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 54 page
background image
LAN9514/LAN9514I
DS00002306A-page 38
 2009-2016 Microchip Technology Inc.
4.0
OPERATIONAL CHARACTERISTICS
4.1
Absolute Maximum Ratings*
Supply Voltage (VDD33IO, VDD33A) (Note 4-1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0V to +3.6V
Positive voltage on signal pins, with respect to ground (Note 4-2). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +6V
Negative voltage on signal pins, with respect to ground (Note 4-3) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V
Positive voltage on XI, with respect to ground . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+4.6V
Positive voltage on XO, with respect to ground . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+2.5V
Ambient Operating Temperature in Still Air (TA). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Note 4-4
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ..-55°C to +150°C
Lead Temperature Range. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Refer to JEDEC Spec. J-STD-020
HBM ESD Performance per JESD 22-A114-E . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ..+/- 8 kV
Contact Discharge ESD Performance per IEC61000-4-2 (Note 4-5) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ..+/- 8 kV
Air-Gap Discharge ESD Performance per IEC61000-4-2 (Note 4-5) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ..+/- 15 kV
Latch-up Performance per EIA/JESD 78 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+/- 200 mA
Note 4-1
When powering this device from laboratory or system power supplies, it is important that the absolute
maximum ratings not be exceeded or device failure can result. Some power supplies exhibit voltage
spikes on their outputs when AC power is switched on or off. In addition, voltage transients on the
AC power line may appear on the DC output. If this possibility exists, it is suggested that a clamp
circuit be used.
Note 4-2
This rating does not apply to the following pins: XI, XO, EXRES, USBRBIAS.
Note 4-3
This rating does not apply to the following pins: EXRES, USBRBIAS.
Note 4-4
0°C to +70°C for commercial version, -40°C to +85°C for industrial version.
Note 4-5
Performed by independent 3rd party test facility.
*Stresses exceeding those listed in this section could cause permanent damage to the device. This is a stress rating
only. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. Functional
operation of the device at any condition exceeding those indicated in Section 4.2, "Operating Conditions**", Section 4.4,
"DC Specifications", or any other applicable section of this specification is not implied. Note, device signals are NOT
5 volt tolerant unless specified otherwise.
4.2
Operating Conditions**
Supply Voltage (VDD33A, VDD33BIAS, VDD33IO). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +3.3V +/- 300 mV
Ambient Operating Temperature in Still Air (TA). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Note 4-4
**Proper operation of LAN9514/LAN9514i is guaranteed only within the ranges specified in this section.
4.3
Power Consumption
This section details the power consumption of the device as measured during various modes of operation. Power dis-
sipation is determined by temperature, supply voltage, and external source/sink requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com