Electronic Components Datasheet Search
  English  ▼

X  

LAN9514 Datasheet(PDF) 45 Page - Microchip Technology

Part # LAN9514
Description  USB 2.0 Hub and 10/100 Ethernet Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9514 Datasheet(HTML) 45 Page - Microchip Technology

Back Button LAN9514 Datasheet HTML 41Page - Microchip Technology LAN9514 Datasheet HTML 42Page - Microchip Technology LAN9514 Datasheet HTML 43Page - Microchip Technology LAN9514 Datasheet HTML 44Page - Microchip Technology LAN9514 Datasheet HTML 45Page - Microchip Technology LAN9514 Datasheet HTML 46Page - Microchip Technology LAN9514 Datasheet HTML 47Page - Microchip Technology LAN9514 Datasheet HTML 48Page - Microchip Technology LAN9514 Datasheet HTML 49Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 54 page
background image
 2009-2016 Microchip Technology Inc.
DS00002306A-page 45
LAN9514/LAN9514I
4.6
Clock Circuit
LAN9514/LAN9514i can accept either a 25MHz crystal (preferred) or a 25MHz single-ended clock oscillator (+/- 50ppm)
input. If the single-ended clock oscillator method is implemented, XO should be left unconnected and XI should be
driven with a nominal 0-3.3V clock signal. The input clock duty cycle is 40% minimum, 50% typical and 60% maximum.
It is recommended that a crystal utilizing matching parallel load capacitors be used for the crystal input/output signals
(XI/XO). See Table 4-10 for the recommended crystal specifications.
TABLE 4-9:
JTAG TIMING VALUES
Symbol
Description
Min
Max
Units
Notes
ttckp
TCK clock period
66.67
—
ns
—
ttckhl
TCK clock high/low time
ttckp*0.4
ttckp*0.6
ns
—
tsu
TDI, TMS setup to TCK rising edge
10
—
ns
—
th
TDI, TMS hold from TCK rising edge
10
—
ns
—
tdov
TDO output valid from TCK falling edge
—
16
ns
—
tdoh
TDO output hold from TCK falling edge
0
—
ns
—
TABLE 4-10:
LAN9514/LAN9514I CRYSTAL SPECIFICATIONS
Parameter
Symbol
Min
Nom
Max
Units
Notes
Crystal Cut
AT, typ
—
Crystal Oscillation Mode
Fundamental Mode
—
Crystal Calibration Mode
Parallel Resonant Mode
—
Frequency
Ffund
—
25.000
—
MHz
—
Frequency Tolerance @ 25°C
Ftol
—
—
+/-50
PPM
Note 4-13
Frequency Stability Over Temp
Ftemp
—
—
+/-50
PPM
Note 4-13
Frequency Deviation Over Time
Fage
—
+/-3 to 5
—
PPM
Note 4-14
Total Allowable PPM Budget
—
—
+/-50
PPM
Note 4-15
Shunt Capacitance
CO
—7 typ—
pF
—
Load Capacitance
CL
—
20 typ
—
pF
—
Drive Level
PW
300
—
—
uW
—
Equivalent Series Resistance
R1
——
50
Ω
—
Operating Temperature Range
Note 4-16
—
Note 4-17
°C
—
LAN9514/LAN9514i XI Pin
Capacitance
—3 typ—
pF
Note 4-18
LAN9514/LAN9514i XO Pin
Capacitance
—3 typ—
pF
Note 4-18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com