Electronic Components Datasheet Search
  English  ▼

X  

LAN9514 Datasheet(PDF) 42 Page - Microchip Technology

Part # LAN9514
Description  USB 2.0 Hub and 10/100 Ethernet Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9514 Datasheet(HTML) 42 Page - Microchip Technology

Back Button LAN9514 Datasheet HTML 38Page - Microchip Technology LAN9514 Datasheet HTML 39Page - Microchip Technology LAN9514 Datasheet HTML 40Page - Microchip Technology LAN9514 Datasheet HTML 41Page - Microchip Technology LAN9514 Datasheet HTML 42Page - Microchip Technology LAN9514 Datasheet HTML 43Page - Microchip Technology LAN9514 Datasheet HTML 44Page - Microchip Technology LAN9514 Datasheet HTML 45Page - Microchip Technology LAN9514 Datasheet HTML 46Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 54 page
background image
LAN9514/LAN9514I
DS00002306A-page 42
 2009-2016 Microchip Technology Inc.
Note 4-6
This specification applies to all inputs and tri-stated bidirectional pins. Internal pull-down and pull-up
resistors add +/- 50 μA per-pin (typical).
Note 4-7
This is the total 5.5V input leakage for the entire device.
Note 4-8
XI can optionally be driven from a 25 MHz single-ended clock oscillator.
Note 4-9
Measured at line side of transformer, line replaced by 100Ω (+/- 1%) resistor.
Note 4-10
Offset from 16 nS pulse width at 50% of pulse peak.
Note 4-11
Measured differentially.
Note 4-12
Min/max voltages guaranteed as measured with 100
 resistive load.
4.5
AC Specifications
This section details the various AC timing specifications of the LAN9514/LAN9514i.
ICLK Type Buffer (XI Input)
Low Input Level
High Input Level
VILI
VIHI
-0.3
1.4
0.5
3.6
V
V
Note 4-8
TABLE 4-6:
100BASE-TX TRANSCEIVER CHARACTERISTICS
Parameter
Symbol
Min
Typ
Max
Units
Notes
Peak Differential Output Voltage High
VPPH
950
—
1050
mVpk
Note 4-9
Peak Differential Output Voltage Low
VPPL
-950
—
-1050
mVpk
Note 4-9
Signal Amplitude Symmetry
VSS
98
—
102
%
Note 4-9
Signal Rise and Fall Time
TRF
3.0
—
5.0
nS
Note 4-9
Rise and Fall Symmetry
TRFS
——
0.5
nS
Note 4-9
Duty Cycle Distortion
DCD
35
50
65
%
Note 4-10
Overshoot and Undershoot
VOS
——
5
%
—
Jitter
—
—
—
1.4
nS
Note 4-11
TABLE 4-7:
10BASE-T TRANSCEIVER CHARACTERISTICS
Parameter
Symbol
Min
Typ
Max
Units
Notes
Transmitter Peak Differential Output Voltage
VOUT
2.2
2.5
2.8
V
Note 4-12
Receiver Differential Squelch Threshold
VDS
300
420
585
mV
—
TABLE 4-5:
I/O BUFFER CHARACTERISTICS (CONTINUED)
Parameter
Symbol
Min
Typ
Max
Units
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com