Electronic Components Datasheet Search
  English  ▼

X  

LT8491 Datasheet(PDF) 32 Page - Analog Devices

Part # LT8491
Description  High Voltage Buck-Boost Battery Charge Controller with Maximum Power Point
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8491 Datasheet(HTML) 32 Page - Analog Devices

Back Button LT8491 Datasheet HTML 28Page - Analog Devices LT8491 Datasheet HTML 29Page - Analog Devices LT8491 Datasheet HTML 30Page - Analog Devices LT8491 Datasheet HTML 31Page - Analog Devices LT8491 Datasheet HTML 32Page - Analog Devices LT8491 Datasheet HTML 33Page - Analog Devices LT8491 Datasheet HTML 34Page - Analog Devices LT8491 Datasheet HTML 35Page - Analog Devices LT8491 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 82 page
background image
LT8491
32
Rev. 0
For more information www.analog.com
I2C REGISTER DESCRIPTIONS
TELE_IOUT
I2C REG ADDRESS BIT(S)
UNITS
FORMAT
EXAMPLES
DESCRIPTION
0x08
[15:0]
Milliamps
Unsigned Integer 5.274A = 0x149A
0.039A = 0x0027
Output current to VBAT.
This register contains the most recently measured current flowing out of the charger through the RSENSE2 resistor. The
value is in milliamps in an unsigned integer format. TELE_IOUT can be converted to Amps by casting it to a floating-
point value and dividing the result by 1000. To determine TELE_IOUT, the LT8491 measures the voltage at the IOR pin
which is proportional to the output current as discussed in the HW Config: Output Current Sense and Limit section.
Calculation of TELE_IOUT requires that non-zero values are in the CFG_RIMON_OUT and CFG_RSENSE2 registers.
The contents of these registers must match the hardware values on the PCB to achieve the correct TELE_IOUT values.
Reading 0xFFFF from TELE_IOUT indicates that one or more of the required configuration registers was set to 0x0000.
Related Data Sheet Sections: Telemetry Operation, HW Config: Output Current Sense and Limit
TELE_IIN
I2C REG ADDRESS BIT(S)
UNITS
FORMAT
EXAMPLES
DESCRIPTION
0x0A
[15:0]
Milliamps
Unsigned Integer 5.274A = 0x149A
0.039A = 0x0027
Input current from VIN.
This register contains the most recently measured current flowing into the charger through the RSENSE1 resistor. The
value is in milliamps in an unsigned integer format. TELE_IIN can be converted to Amps by casting it to a floating-point
value and dividing the result by 1000. To determine TELE_IIN, the LT8491 measures the voltage at the IIR pin which
is proportional to the input current as discussed in the HW Config: Input Current Sense and Limit section.
Calculation of TELE_IIN requires that a non-zero value is in the CFG_RSENSE1 register. The contents of this register
must match the hardware value on the PCB to achieve the correct TELE_IIN value. Reading 0xFFFF from TELE_IIN
indicates that CFG_RSENSE1 was set to 0x0000.
Related Data Sheet Sections: Telemetry Operation, HW Config: Input Current Sense and Limit
TELE_VBAT
I2C REG ADDRESS BIT(S)
UNITS
FORMAT
EXAMPLES
DESCRIPTION
0x0C
[15:0]
Volts • 100
Unsigned Integer 27.42V = 0x0AB6 Charger VBAT output voltage.
This register contains the most recently measured VBAT voltage as measured at the FBOR pin. The value is in Volts
multiplied by 100 in an unsigned integer format. TELE_VBAT can be converted to volts by casting it to a floating-point
value and dividing the result by 100.
Proper reporting of TELE_VBAT requires that non-zero values are in the following telemetry configuration registers:
CFG_RDACO, CFG_RFBOUT1, CFG_RFBOUT2. The contents of these registers must match the hardware values on
the PCB to achieve the correct TELE_VBAT values. The reset default value of TELE_VBAT is 0x0000 indicating that the
voltage has not yet been measured. Reading 0xFFFF from TELE_VBAT indicates one or more of the required configura-
tion registers was set to 0x0000.
Related Data Sheet Sections: Telemetry Operation, HW Config: VBAT in Stage 2 (VS2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com