Electronic Components Datasheet Search
  English  ▼

X  

LT8491 Datasheet(PDF) 21 Page - Analog Devices

Part # LT8491
Description  High Voltage Buck-Boost Battery Charge Controller with Maximum Power Point
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8491 Datasheet(HTML) 21 Page - Analog Devices

Back Button LT8491 Datasheet HTML 17Page - Analog Devices LT8491 Datasheet HTML 18Page - Analog Devices LT8491 Datasheet HTML 19Page - Analog Devices LT8491 Datasheet HTML 20Page - Analog Devices LT8491 Datasheet HTML 21Page - Analog Devices LT8491 Datasheet HTML 22Page - Analog Devices LT8491 Datasheet HTML 23Page - Analog Devices LT8491 Datasheet HTML 24Page - Analog Devices LT8491 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 82 page
background image
LT8491
21
Rev. 0
For more information www.analog.com
OPERATION
Configure VBAT for Stages 0, 1 and 3 section. Stage 1 is
often referred to as bulk charging in the battery charging
community. However, this stage will continue to be called
Stage 1 for the remainder of this document. Stage 1 charg-
ing is indicated in the STAT_CHARGER register when the
CHRG_STAGE bits are 001b and the CHRG_LOGIC_ON
bit is 1.
Stage 2: Constant Voltage
In Stage 2, the LT8491 charges the battery to a constant
voltage (VS2). This constant voltage stage is indicated
for battery voltages above 98% (typical) of the Stage 2
voltage. Stage 2 is often referred to as float charging for
lithium-ion batteries and absorption charging for lead-
acid batteries. To avoid confusion, this stage is referred
to as Stage 2 for the remainder of this document. Stage 2
charging is indicated in the STAT_CHARGER register
when the CHRG_STAGE bits are 010b and the CHRG_
LOGIC_ON bit is 1.
Charging in Stage 2 typically continues until the output
current (IOUT) falls below C/10. Options are available to
configure how the charger proceeds from Stage 2. These
options include:
• Terminate charging when IOUT < C/10
• Terminate when the Stage 2 timer expires
• Proceed to Stage 3 when IOUT < C/10
• Continue charging in Stage 2 indefinitely
Footnotes in Figure 8 indicate the respective I2C configu-
ration registers for these options.
Stage 3: (Optional) Reduced Constant Voltage
Stage 3 is optionally enabled in the CFG_CHRG_MISC
register. In Stage 3 the LT8491 charges the battery with
a reduced constant voltage. Stage 3 is often referred to
as float charging for lead-acid batteries. It will continue
to be called Stage 3 for the remainder of this document.
Stage 3 charging is indicated in the STAT_CHARGER
register when the CHRG_STAGE bits are 011b and the
CHRG_LOGIC_ON bit is 1.
Done Charging
When done charging, the power stage is disabled, and
charging is complete. This is indicated in the STAT_
CHARGER register when the CHRG_STAGE bits are 100b
and the CHRG_LOGIC_ON bit is 1. Telemetry acquisition
generally continues although some telemetry, related to
the battery side of the charger, may be limited as dis-
cussed in the Telemetry: Acquisition section. In addition,
although some telemetry continues to be acquired, no
charging faults will be reported. Restarting the charging,
when done charging, can be done in four ways:
• The charging can be restarted by toggling the control
charger enable bit low to high. See the CTRL_CHRG_
EN register description.
• The charger can be configured to restart automatically
under various conditions. See the Configure Automatic
Restart section.
• The charger can be reset by cycling the power.
• Issuing a restart chip command while CTRL_CHRG_EN
is cleared, will also restart the charger if CFG_INIT_
CHRG_EN is set. See the CTRL_RESTART_CHIP reg-
ister description.
Charging Faults
The LT8491 periodically monitors for the following
fault conditions, on a priority basis, while the charging
logic is on (STAT_CHARGER→CHRG_LOGIC_ON=1)
and the charger isn’t in an input UVLO condition
(STAT_SUPPLY→VIN_UVLO=0):
• VBAT too low for charging
• Battery temperature too low for charging
• Battery temperature too high for charging
• Battery disconnected
• Stage timer expired and configured to be a fault, indi-
cating that charging took too much time
These faults are reported in the STAT_CHRG_FAULTS
register. Detailed information about each fault bit and its’
source is provided in the register’s data sheet section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com