Electronic Components Datasheet Search
  English  ▼

X  

LT8491 Datasheet(PDF) 20 Page - Analog Devices

Part # LT8491
Description  High Voltage Buck-Boost Battery Charge Controller with Maximum Power Point
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8491 Datasheet(HTML) 20 Page - Analog Devices

Back Button LT8491 Datasheet HTML 16Page - Analog Devices LT8491 Datasheet HTML 17Page - Analog Devices LT8491 Datasheet HTML 18Page - Analog Devices LT8491 Datasheet HTML 19Page - Analog Devices LT8491 Datasheet HTML 20Page - Analog Devices LT8491 Datasheet HTML 21Page - Analog Devices LT8491 Datasheet HTML 22Page - Analog Devices LT8491 Datasheet HTML 23Page - Analog Devices LT8491 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 82 page
background image
LT8491
20
Rev. 0
For more information www.analog.com
OPERATION
BATTERY CHARGING ALGORITHM
The LT8491 implements a CCCV charging algorithm.
The idealized charging profile is shown in Figure 7 and
assumes constant temperature and adequate input power.
As battery temperature and illumination conditions on the
panel change, the actual current and voltage seen by the
battery will vary accordingly.
Figure 8 illustrates a flow chart for the charging algorithm.
Many options are available to configure the algorithm as
needed. Options include…
• Stage 3 is enabled or not
• Stop charging when IOUT < C/10 or not
• Timer expiration indicates a fault or not
• Various automatic restart options
Footnotes at the bottom of Figure 8 indicate configurable
aspects of the algorithm and the related thresholds.
Stage 0: Trickle Charging
In Stage 0 the LT8491 charges the battery with a reduced
constant current that is hardware configurable (see HW
Config: Output Current Sense and Limit section). This
stage typically occurs for battery voltages between 35%
to 70% of the Stage 2 battery voltage limit (VS2). However,
the Stage 0 battery thresholds are I2C configurable as
discussed in the Configure VBAT for Stages 0, 1 and 3 sec-
tion. Stage 0 charging is indicated in the STAT_CHARGER
register when the CHRG_STAGE bits are 000b and the
CHRG_LOGIC_ON bit is 1.
Stage 1: Full Constant Current
At higher battery voltage, the LT8491 enters Stage 1 and
charges the battery with full constant current (see HW
Config: Output Current Sense and Limit section). Stage 1
typically occurs for battery voltages between 70% to 98%
of the Stage 2 battery voltage limit. The threshold for
entering Stage 1 is I2C configurable as discussed in the
Figure 7. Typical Battery Charging Cycle
STAGE 0
TRICKLE CHARGE
STAGE 1
CONSTANT CURRENT
STAGE 2
CONSTANT VOLTAGE
STAGE 3
FLOAT VOLTAGE
STAGE 2 VOLTAGE
REGULATION
STAGE 1 OUTPUT
CURRENT LIMIT
C/10
C/5
VBAT
VS1_S2
VS2_S1
VS0_S1
VS0_UV
VS3_S0
VS1_S0
VUV_S0
IOUT
STAGE 3 VOLTAGE
REGULATION
8491 F07
STAGE 2 LOWER OUTPUT
CURRENT LIMIT
VBAT DROP CAUSES TRANSITION TO STAGE 0
VBAT DROP CAUSES TRANSITION TO UNDERVOLTAGE
VBAT DROP CAUSES TRANSITION TO STAGE 1
VOLTAGES BELOW OR
CURRENTS ABOVE PRESET
LEVELS DURING STAGE 3 CAUSES
TRANSITION TO STAGE 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com