Electronic Components Datasheet Search
  English  ▼

X  

LT8491 Datasheet(PDF) 49 Page - Analog Devices

Part # LT8491
Description  High Voltage Buck-Boost Battery Charge Controller with Maximum Power Point
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8491 Datasheet(HTML) 49 Page - Analog Devices

Back Button LT8491 Datasheet HTML 45Page - Analog Devices LT8491 Datasheet HTML 46Page - Analog Devices LT8491 Datasheet HTML 47Page - Analog Devices LT8491 Datasheet HTML 48Page - Analog Devices LT8491 Datasheet HTML 49Page - Analog Devices LT8491 Datasheet HTML 50Page - Analog Devices LT8491 Datasheet HTML 51Page - Analog Devices LT8491 Datasheet HTML 52Page - Analog Devices LT8491 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 82 page
background image
LT8491
49
Rev. 0
For more information www.analog.com
I2C REGISTER DESCRIPTIONS
Example: Presume that VS2 is set to 14.2V and we wish to configure VS0_S1 = 9.94V. Set CFG_S0_S1 as follows:
CFG_S0_S1
= 200•
9.94V
14.2V
•100%
⎡
⎣⎢
⎤
⎦⎥
= 200•[70%]
= 140 (decimal)
= 0x8C (hexadecimal)
Therefore, writing CFG_S0_S1 to 0x8C configures VS0_S1 to be 70% of VS2. Be sure to set CFG_S0_S1 to a higher VS2
percentage than CFG_S1_S0 to achieve threshold hysteresis and avoid stage selection oscillations. A 4%, or more,
difference is recommended.
Related Data Sheet Sections: Battery Charging Algorithm, HW Config: VBAT in Stage 2 (VS2), Configure Temp. Compensation
CFG_S1_S0
I2C REG
ADDRESS BIT(S)
UNITS
FORMAT
EXAMPLES
MIN VALUE MAX VALUE DESCRIPTION
0x3F
[7:0]
200 • (% of
VS2)
Unsigned
Integer
66% = 0x84
55.5% = 0x6F
0% = 0x00 90% = 0xB4 Configure VS1_S0 threshold as percentage of VS2.
Resolution of 0.5% per bit.
This register is used to set VS1_S0, the falling VBAT threshold to exit Stage 1 charging and return to Stage 0 trickle
charging. VS1_S0 is a percentage of the Stage 2 voltage VS2. Therefore, if Stage 2 temperature compensation is enabled,
via the CFG_CHRG_MISC→TC_ENABLE bit, VS1_S0 will vary with temperature in proportion to VS2.
CFG_S1_S0 is an 8-bit unsigned integer, representing a percentage of VS2 between 0% to 90% and is calculated as
follows:
CFG_S1_S0
= 200•
VS1_S0
VS2
•100%
⎡
⎣
⎢
⎤
⎦
⎥
Example: Presume that VS2 is set to 14.2V and we wish to configure VS1_S0 = 9.39V. Set CFG_S1_S0 as follows:
CFG_S1_S0
= 200•
9.39V
14.2V
•100%
⎡
⎣⎢
⎤
⎦⎥
= 200•[66%]
= 132 (decimal)
= 0x84 (hexadecimal)
Therefore, writing CFG_S1_S0 to 0x84 configures VS1_S0 to be 66% of VS2. Make sure to set CFG_S1_S0 to a lower
VS2 percentage than CFG_S0_S1 to achieve threshold hysteresis and avoid stage selection oscillations. A 4%, or more,
difference is recommended. Also, be sure to set CFG_S1_S0 to higher VS2 percentage than CFG_UV_S0 threshold to
avoid stage selection oscillations. A 4%, or more, difference is also recommended.
Note: If VBAT falls below the VS1_S0 threshold while in Stage 2 or Stage 3, the charging algorithm will reset.
Related Data Sheet Sections: Battery Charging Algorithm, HW Config: VBAT in Stage 2 (VS2), Configure Temp. Compensation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com