Electronic Components Datasheet Search
  English  ▼

X  

LT8491 Datasheet(PDF) 16 Page - Analog Devices

Part # LT8491
Description  High Voltage Buck-Boost Battery Charge Controller with Maximum Power Point
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8491 Datasheet(HTML) 16 Page - Analog Devices

Back Button LT8491 Datasheet HTML 12Page - Analog Devices LT8491 Datasheet HTML 13Page - Analog Devices LT8491 Datasheet HTML 14Page - Analog Devices LT8491 Datasheet HTML 15Page - Analog Devices LT8491 Datasheet HTML 16Page - Analog Devices LT8491 Datasheet HTML 17Page - Analog Devices LT8491 Datasheet HTML 18Page - Analog Devices LT8491 Datasheet HTML 19Page - Analog Devices LT8491 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 82 page
background image
LT8491
16
Rev. 0
For more information www.analog.com
OPERATION
Figure 3. I2C Byte-Write Transaction
Figure 4. I2C Byte-Read Transaction
Figure 5. I2C Word-Read Transaction
CHIP ADDR
A6:A0
FROM MASTER TO SLAVE
A: ACKNOWLEDGE (LOW)
A: NOT ACKNOWLEDGE (HIGH)
R: READ BIT (HIGH)
W: WRITE BIT (LOW)
S: START CONDITION
P: STOP CONDITION
FROM SLAVE TO MASTER
b7:b0
b7:b0
8491 F03
REG ADDR
DATA
S
0
0
0
0
A
A
A P
W
CHIP ADDR
A6:A0
CHIP ADDR
A6:A0
b7:b0
b7:b0
8491 F04
REG ADDR
DATA
S
S
R
0
0
0
1
A
A
A
0
1
A
P
W
CHIP ADDR
A6:A0
CHIP ADDR
A6:A0
b7:b0
b7:b0
8491 F05
REG ADDR
DATA0
S
S
R
0
0
0
1
A
A
A
1
A
P
W
b7:b0
DATA1
0
A
I2C DATA
Data: Memory Regions
Data in the LT8491 is arranged into six regions as shown
in Table 1.
Table 1. LT8491 I2C Addressable Memory Regions
REGION
TYPE
I2C REG
ADDR RANGE DESCRIPTION
Telemetry
Registers
0x00-0x11
Charging telemetry.
Status
Registers
0x12-0x1F
Charging and system status.
Control
Registers
0x20-0x27
Control charging on/off and
EEPROM access.
Configuration Registers
0x28-0x5B
Charger configuration settings.
Manufacturer Registers
0x5C-0x61
Manufacturer Data.
Boot
EEPROM
0x88-0xBD Non-volatile storage of start-up
configuration.
Telemetry Region: These read-only registers indicate
telemetry such as temperature, voltage, current, power
and efficiency. These word-sized values must be read
using the I2C word-read transaction to avoid retrieving
mismatched bytes (see I2C: Data Transfer Transactions).
See the Telemetry Operation and Telemetry Registers sec-
tions for further telemetry information.
Status Region: These read-only registers indicate status
such as charging state, solar panel state, faults, timers
and others. Detailed status register descriptions are pro-
vided in the Status Registers section.
Control Region: These read-write registers are used to
start and stop the charger, write to the EEPROM, reset the
chip and other related functions. The contents of these
registers revert to their default values, as listed in the
I2C Register Map, after power is cycled or the CTRL_
RESTART_CHIP register is written to 0x99. Detailed con-
trol register descriptions are provided in the I2C Register
Descriptions section.
Configuration Region: These read-write registers deter-
mine the charger settings such as timer limits, restart
options, VBAT stage voltages, and many others. After
power-up or reset, the configuration registers are auto-
matically loaded with data from the EEPROM (see the
Startup Sequence section). Factory default EEPROM val-
ues are provided in the I2C Register Map. Detailed con-
figuration register descriptions are provided in the I2C
Register Descriptions section.
Manufacturer Region: These read-only registers indicate
manufacturer data that is determined at the factory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com