Electronic Components Datasheet Search
  English  ▼

X  

LT8491 Datasheet(PDF) 39 Page - Analog Devices

Part # LT8491
Description  High Voltage Buck-Boost Battery Charge Controller with Maximum Power Point
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8491 Datasheet(HTML) 39 Page - Analog Devices

Back Button LT8491 Datasheet HTML 35Page - Analog Devices LT8491 Datasheet HTML 36Page - Analog Devices LT8491 Datasheet HTML 37Page - Analog Devices LT8491 Datasheet HTML 38Page - Analog Devices LT8491 Datasheet HTML 39Page - Analog Devices LT8491 Datasheet HTML 40Page - Analog Devices LT8491 Datasheet HTML 41Page - Analog Devices LT8491 Datasheet HTML 42Page - Analog Devices LT8491 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 82 page
background image
LT8491
39
Rev. 0
For more information www.analog.com
I2C REGISTER DESCRIPTIONS
CONTROL THE EEPROM
The following registers are used to initiate and monitor EEPROM write operations. Write access permissions are detailed
in the Data: Access Permissions section.
CTRL_WRT_TO_BOOT
I2C REGISTER
ADDRESS
BIT NAME
BIT(S) DESCRIPTION
0x20
Reserved
[7:3] Reserved
WRITE_FAIL
[2]
Read of this bit returns a 1 if the most recent attempt to write the EEPROM boot region failed.
WRITE_SUCCESS
[1]
Read of this bit returns a 1 if the most recent attempt to write the EEPROM boot region succeeded.
BUSY_RDY
[0]
Read of this bit returns a 1 if a write to the EEPROM boot region is in progress.
I2C REGISTER
ADDRESS
BIT NAME
BIT(S) DESCRIPTION
0x20
-
[7:0] Write to 0x30 to copy the configuration registers to the boot region of the EEPROM.
Write to 0x57 to restore the boot region to the factory default settings.
This register is used to initiate a write to the EEPROM boot region. It can also be read to monitor status of the write
operation. Writing one of two unique byte patterns initiates the desired write operation as listed above. Reading of
this register indicates the status of the write operation, also shown above. Writes to this register are only accepted
if CTRL_EE_WRT_EN=0xCC and STAT_SYSTEM→SYSTEM_BUSY=00b. Reads are permitted any time that the I2C
interface is operational.
Related Data Sheet Sections: EEPROM: Writing, Data: Access Permissions
CTRL_EE_WRT_EN
I2C REGISTER
ADDRESS
BIT NAME
BIT(S) DESCRIPTION
0x21
CTRL_EE_WRT_EN
[7:0] This register must be set to 0xCC to allow the on-chip EEPROM to be written. Any other value
prohibits the EEPROM from being modified. Setting this register to 0xCC also prohibits writes to the
configuration registers.
This register must be written to 0xCC before any on-chip EEPROM data can be modified. Any other value prohibits
writes to the EEPROM. Note that this register can only be written when STAT_SYSTEM→SYSTEM_BUSY=00b and
STAT_CHARGER→CHRG_LOGIC_ON=0. Setting this register to 0xCC also prohibits writes to the configuration registers
within addresses 0x28-0x5B until this register is written to a value other than 0xCC.
Related Data Sheet Sections: EEPROM: Writing, Data: Access Permissions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com