Electronic Components Datasheet Search
  English  ▼

X  

LT8491 Datasheet(PDF) 40 Page - Analog Devices

Part # LT8491
Description  High Voltage Buck-Boost Battery Charge Controller with Maximum Power Point
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8491 Datasheet(HTML) 40 Page - Analog Devices

Back Button LT8491 Datasheet HTML 36Page - Analog Devices LT8491 Datasheet HTML 37Page - Analog Devices LT8491 Datasheet HTML 38Page - Analog Devices LT8491 Datasheet HTML 39Page - Analog Devices LT8491 Datasheet HTML 40Page - Analog Devices LT8491 Datasheet HTML 41Page - Analog Devices LT8491 Datasheet HTML 42Page - Analog Devices LT8491 Datasheet HTML 43Page - Analog Devices LT8491 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 82 page
background image
LT8491
40
Rev. 0
For more information www.analog.com
I2C REGISTER DESCRIPTIONS
CONTROL OTHER FUNCTIONS
The following registers, shown in Table 11, can be written to control various functions of the LT8491. Write access
permissions are detailed in the Data: Access Permissions section. Detailed information about each register and its
respective function follow this table.
Table 11. Summary of Other Control Registers
REGISTER NAME
SIZE
I2C REGISTER
ADDRESS
DESCRIPTION
REF
PAGE
CTRL_HALT_STARTUP
BYTE
0x22
Halt failing startup CRC checking.
40
CTRL_CHRG_EN
BYTE
0x23
Enable/disable battery charging.
40
CTRL_RESTART_CHIP
BYTE
0x24
Restart the LT8491.
41
CTRL_RESET_FLAG
BYTE
0x25
Flag that is set upon reset of the LT8491.
41
CTRL_UPDATE_TELEM
BYTE
0x26
Write this register to measure and update telemetry registers when the charging logic is off.
41
CTRL_HALT_STARTUP
I2C REGISTER
ADDRESS
BIT NAME
BIT(S) DESCRIPTION
0x22
-
[7:0] Write 0x5A to halt startup when the CRC checking is failing. The STAT_SYSTEM→SYSTEM_BUSY
bits will indicate 00b when the halt sequence is complete. See Startup Sequence section for more
information. Returns 0’s on reads.
Related Data Sheet Sections: Startup Sequence, Data: Access Permissions
CTRL_CHRG_EN
I2C REGISTER
ADDRESS
BIT NAME
BIT(S) DESCRIPTION
0x23
Reserved
[7:1] Reserved
CHRG_EN
[0]
Discussed below.
CHRG_EN is the master on/off control bit for the charger. The battery charging, and telemetry starts after CHRG_EN
is set high and is stopped when CHRG_EN is set low. More details are as follows.
After setting CHRG_EN=1:
• The charging control logic is immediately enabled as indicated by STAT_CHARGER→CHRG_LOGIC_ON=1.
• I2C write access is immediately restricted as discussed in the Data: Access Permissions section.
• The battery charging, stage timers, and fault checking starts as shown at the top of Figure 8.
• Telemetry acquisition commences as discussed in the Telemetry: Acquisition section.
After setting CHRG_EN=0:
• The power stage of the battery charger is immediately turned off as indicated by STAT_SYSTEM→SWENO=0.
• Telemetry measurements stop as discussed in the Telemetry: Acquisition section.
• The charger status register STAT_CHARGER normally clears to 0x00. If a fault was present and not cleared before
CHRG_EN=0 then its value will be 0x80.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com