Electronic Components Datasheet Search
  English  ▼

X  

LT8491 Datasheet(PDF) 13 Page - Analog Devices

Part # LT8491
Description  High Voltage Buck-Boost Battery Charge Controller with Maximum Power Point
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8491 Datasheet(HTML) 13 Page - Analog Devices

Back Button LT8491 Datasheet HTML 9Page - Analog Devices LT8491 Datasheet HTML 10Page - Analog Devices LT8491 Datasheet HTML 11Page - Analog Devices LT8491 Datasheet HTML 12Page - Analog Devices LT8491 Datasheet HTML 13Page - Analog Devices LT8491 Datasheet HTML 14Page - Analog Devices LT8491 Datasheet HTML 15Page - Analog Devices LT8491 Datasheet HTML 16Page - Analog Devices LT8491 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 82 page
background image
LT8491
13
Rev. 0
For more information www.analog.com
BLOCK DIAGRAM
+
–
10
8491 BD
33
BOOST1
32
TG1
31
SW1
24
GATEVCC
A8
23
BG1
9
MODE
13
CSP
12
CSN
16
VIN
20
CLKOUT
56
CLKDET
22
RT
21
SYNC
15
SS
11
SHDN
25
BG2
29
SW2
28
TG2
18
VC
7
INTVCC
14
58
LDO33
40
EXTVCC
4
VDD
48
ECON
37
SRVO_IOUT
42
CSPOUT
41
CSNOUT
NC
NC
AVDD
27
BOOST2
+
–
A9
A5
44
CSNIN
45
CSPIN
BUCK-BOOST
LOGIC
START-UP AND
FAULT LOGIC
OSC1
OI_OUT
CI_IN
ADC
AVDD
01
UV_INTVCC
UV_GATEVCC
UV_VIN
UV_LD033
1.234V
2.5V
8
SWEN
49
SWENO
36
SRVO_IIN
NC
+
–
6.4V
305k
6.35V REG
6.35V REG
3.3V REG
FEC
I2C INTERFACE
(100kHz
COMPATIBLE),
TELEMETRY,
CONFIG,
CONTROL,
CHARGING,
MPPT LOGIC
INTERNAL
SUPPLY1
INTERNAL
SUPPLY2
VIN
A7
EA2
1.208V
1.205V
1.208V
1.207V
10
IMON_IN
53
IIR
54
VINR
EA3
15
FBIN
+
–
A6
17
IMON_OUT
50
IOW
64
IOR
AVDD
10
EA1
5
FBOW
57
FBOR
16
FBOUT
+
–
+
–
EA4
38
SRVO_FBOUT
ADC
AVDD
10
1
FBIR
6
FBIW
ADC
AVDD
10
3
TEMPSENSE
ADC
PWM
PWM
AVDD
AVDD
VDD
VDD
10
ADC
AVDD
10
ADC
AVDD
10
ADC
AVDD
AVDD
EEPROM
VDD
35
SRVO_FBIN
NC
ADC
OSC2
61
SDA
51
STATUS
59
GND
2
CA
VDD
VDD
AVDD
63
SCL
SOLAR
PANEL
REGHARGABLE
BATTERY
NTC
Figure 1. Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com