Electronic Components Datasheet Search
  English  ▼

X  

LT8491 Datasheet(PDF) 19 Page - Analog Devices

Part # LT8491
Description  High Voltage Buck-Boost Battery Charge Controller with Maximum Power Point
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8491 Datasheet(HTML) 19 Page - Analog Devices

Back Button LT8491 Datasheet HTML 15Page - Analog Devices LT8491 Datasheet HTML 16Page - Analog Devices LT8491 Datasheet HTML 17Page - Analog Devices LT8491 Datasheet HTML 18Page - Analog Devices LT8491 Datasheet HTML 19Page - Analog Devices LT8491 Datasheet HTML 20Page - Analog Devices LT8491 Datasheet HTML 21Page - Analog Devices LT8491 Datasheet HTML 22Page - Analog Devices LT8491 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 82 page
background image
LT8491
19
Rev. 0
For more information www.analog.com
OPERATION
until the CRC check passes. More information about the
CRC checking is discussed in the CRC Operation section.
When the boot CRC and the factory CRC check passes,
the STAT_SYSTEM→BOOT_SUCCESS bit is set to 1.
Subsequently, CTRL_CHRG_EN is preset with the value
read from BOOT_MISC in the EEPROM. This determines
if the charging starts automatically, at the end of the
sequence, or not.
Figure 6. Startup Sequence
8491 F06
VDD RISES ABOVE 2.7V (TYPICAL)
STARTUP
STARTUP COMPLETE
• ENABLE I2C READ COMMANDS
• ENABLE I2C WRITE TO CTRL_HALT_STARTUP REGISTER
CTRL_HALT_STARTUP=0X5A
&
CRC_ERR_FACTORY=0
?
NO
NO
YES
• I2C INTERFACE IS DISABLED
• SET ALL TELEMETRY AND CONTROL REGISTERS TO DEFAULT VALUES
• SET ALL STATUS REGISTERS TO THEIR APPROPRIATE VALUES
• SET BOOT_SUCCESS TO 1
• COPY BOOT_INIT_CHRG_EN TO CTRL_CHRG_EN
SET CONFIGURATION REGION TO
FACTORY DEFAULT VALUES
• COPY EEPROM BOOT REGION TO CONFIGURATION REGION AND CALCULATE CRC OF CONFIGURATATION REGION
• COMPARE CRC OF CONFIGURATION REGION TO BOOT_CRC
• UPDATE STAT_BOOT_CRC VALUE
• UPDATE CRC_ERR_BOOT BIT
• COMPARE CRC OF FACTORY SETTINGS TO MFR_DATA3
• UPDATE CRC_ERR_FACTORY BIT
YES
SET SYSTEM_BUSY TO 00b
START BATTERY CHARGING
SEE FIGURE 8
YES
NO
CRC_ERR = 0
?
CHRG_EN = 1
?



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com