Electronic Components Datasheet Search
  English  ▼

X  

LT8491 Datasheet(PDF) 29 Page - Analog Devices

Part # LT8491
Description  High Voltage Buck-Boost Battery Charge Controller with Maximum Power Point
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8491 Datasheet(HTML) 29 Page - Analog Devices

Back Button LT8491 Datasheet HTML 25Page - Analog Devices LT8491 Datasheet HTML 26Page - Analog Devices LT8491 Datasheet HTML 27Page - Analog Devices LT8491 Datasheet HTML 28Page - Analog Devices LT8491 Datasheet HTML 29Page - Analog Devices LT8491 Datasheet HTML 30Page - Analog Devices LT8491 Datasheet HTML 31Page - Analog Devices LT8491 Datasheet HTML 32Page - Analog Devices LT8491 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 82 page
background image
LT8491
29
Rev. 0
For more information www.analog.com
I2C REGISTER MAP
MEMORY
REGION
REGISTER NAME
I2C REG
ADDR SIZE
REF
PG. BRIEF REG. DESCRIPTION
DEFAULT
VALUE DESCRIPTION OF DEFAULT VALUE
Boot
(EEPROM)
BOOT_RSENSE1
0x88
Word 42 PCB resistor value
0x0000 Must be configured by user.
BOOT_RIMON_OUT
0x8A Word
PCB resistor value
0x0000 Must be configured by user.
BOOT_RSENSE2
0x8C Word
PCB resistor value
0x0000 Must be configured by user.
BOOT_RDACO
0x8E
Word
PCB resistor value
0x0000 Must be configured by user.
BOOT_RFBOUT1
0x90
Word
PCB resistor value
0x0000 Must be configured by user.
BOOT_RFBOUT2
0x92
Word
PCB resistor value
0x0000 Must be configured by user.
BOOT_RDACI
0x94
Word
PCB resistor value
0x0000 Must be configured by user.
BOOT_RFBIN2
0x96
Word
PCB resistor value
0x0000 Must be configured by user.
BOOT_RFBIN1
0x98
Word
PCB resistor value
0x0000 Must be configured by user.
BOOT_INIT_CHRG_EN
0x9A
Byte 45 Auto start charging after IC startup
0x00
Don’t start charging automatically after startup.
BOOT_VS3_25C
0x9B
Byte 46 Stage 3 VBAT at 25°C
0x6B
VS3 = 95.7% of VS2.
BOOT_UV_S0
0x9C
Byte
Min. Stage 0 VBAT voltage
0x46
V(UV_S0) = 35% of VS2.
BOOT_S0_UV
0x9D
Byte
Low VBAT voltage
0x3E
V(S0_UV) = 31% of VS2.
BOOT_S0_S1
0x9E
Byte
Max. Stage 0 VBAT voltage
0x8C
V(S0_S1) = 70% of VS2.
BOOT_S1_S0
0x9F
Byte
Min. Stage 1 VBAT voltage
0x84
V(S1_S0) = 66% of VS2.
BOOT_TBAT_MIN
0xA0
Byte 50 Min. battery temperature
0x00
Under temperature fault limit = 0°C.
BOOT_TBAT_MAX
0xA1
Byte
Max. battery temperature
0x32
Over temperature fault limit = 50°C.
BOOT_TMR_S0
0xA2
Byte 51 Stage 0 time limit
0x00
Infinite time limit.
BOOT_TMR_S1
0xA3
Byte
Stage 1 time limit
0x00
Infinite time limit.
BOOT_TMR_S2
0xA4
Byte
Stage 2 time limit
0x00
Infinite time limit.
BOOT_TMR_S3
0xA5
Byte
Stage 3 time limit
0x00
Infinite time limit.
BOOT_RSTRT_IN_FLT 0xA6
Byte 52 Auto-restart when fault
0x20
RSTRT_ON_TMR_FLT_HRS = 1hour.
NO_RSTRT_ON_VOLTS = 0.
NO_RSTRT_ON_DISCON_FLT = 0.
NO_RSTRT_ON_BATLOW_FLT = 0.
NO_RSTRT_ON_TBAT_FLT = 0.
BOOT_RSTRT_IN_
DONEA
0xA7
Byte
Auto-restart threshold voltage
when done charging
0x00
Don’t restart charging automatically in
Charge State Done.
BOOT_RSTRT_IN_
DONEB
0xA8
Byte
Auto-restart delay time when done
charging
0x04
RSTRT_IN_DONE_HRS = 2 hours.
BOOT_RSTRT_IN_S3
0xA9
Byte
Auto-restart when in Stage 3
0x01
RSTRT_S3_C5_VS3 = 1.
BOOT_TERMINATE
0xAA
Byte 55 Charging termination options
0x08
S3_TMR_TERM_EN = 1.
BOOT_SCAN_RATE_LP 0xAB
Byte 56 Full panel scan rate in LP
0x1F
Full panel scan every 8.5 minutes.
BOOT_SCAN_RATE
0xAC
Byte
Full panel scan rate
0x0B
Full panel scan every 3 minutes.
BOOT_CHRG_MISC
0xAD
Byte
Miscellaneous charger settings
0x08
Use VS3 in Stage 2 disabled.
LP Mode enabled.
Stage 3 disabled.
Temperature Compensation disabled.
BOOT_TC3
0xAE
Long
Word
58 Temperature coefficient
0xB41F-
FCCF
Coefficient = –1.49e-7.
BOOT_TC2
0xB2
Temperature coefficient
0x3760-
D090
Coefficient = 1.34e-5.
BOOT_TC1
0xB6
Temperature coefficient
0xBAC9-
D9D3
Coefficient = –1.54e-3.
BOOT_USER_CODE
0xBA Word 59 User input data
0x0000 -
BOOT_CRC
0xBC Word 60 Expected CRC result for boot region
-
Expected CRC result for boot region. Default
value is factory CRC. This value will change if
the user writes EEPROM with new values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com