Electronic Components Datasheet Search
  English  ▼

X  

LT8491 Datasheet(PDF) 17 Page - Analog Devices

Part # LT8491
Description  High Voltage Buck-Boost Battery Charge Controller with Maximum Power Point
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8491 Datasheet(HTML) 17 Page - Analog Devices

Back Button LT8491 Datasheet HTML 13Page - Analog Devices LT8491 Datasheet HTML 14Page - Analog Devices LT8491 Datasheet HTML 15Page - Analog Devices LT8491 Datasheet HTML 16Page - Analog Devices LT8491 Datasheet HTML 17Page - Analog Devices LT8491 Datasheet HTML 18Page - Analog Devices LT8491 Datasheet HTML 19Page - Analog Devices LT8491 Datasheet HTML 20Page - Analog Devices LT8491 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 82 page
background image
LT8491
17
Rev. 0
For more information www.analog.com
OPERATION
Boot Region: The boot data is stored in non-volatile
EEPROM and is copied into the configuration registers
during startup or after the CTRL_RESTART_CHIP register
is written to 0x99, as described in the Startup Sequence
section.
Each EEPROM location in the boot region corresponds
to a register in the configuration region. As such, the
boot region data is arranged in the exact same order and
format as in the configuration region but is read from
an I2C address 0x60 higher than the corresponding con-
figuration register address. Reading of the boot data is
described in the EEPROM: Reading section.
Writing directly to the EEPROM is prohibited. Instead,
data can be copied from the configuration registers into
the EEPROM by writing to appropriate control registers.
Further information about writing the EEPROM is in the
EEPROM: Writing section.
Data: Bytes, Words and Long Words
LT8491 data is stored in three sizes: bytes, words (2
bytes) and long words (4 bytes). Tables are provided
throughout this data sheet indicating the sizes for each
piece of data. Since the I2C bus addresses one byte at a
time, word and long word data is spread across multiple
I2C register address locations.
Words and long words are stored in an arrangement com-
monly referred to as little endian. The least significant byte
(LSB) is stored at the lower I2C register address location.
The next most significant byte (MSB) is stored at the next
higher I2C register address and so on.
As an example, suppose the TELE_IOUT register is indi-
cating output current of 5.274 Amps (see Telemetry
Registers). This 16-bit register, starting at I2C address
0x08 will contain the value 0x149A. The two bytes com-
prising TELE_IOUT are stored as shown:
Table 2. Example of TELE_IOUT Word Storage
I2C REG ADDRESS
BYTE VALUE
0x08
0x9A
0x09
0x14
Reading TELE_IOUT with the word-read transaction from
register address 0x08 returns two bytes, DATA0 (0x9A)
and then DATA1 (0x14) indicating 5.274 Amps.
The temperature compensation coefficients, in the con-
figuration region, are the only data stored as long words.
For example, suppose CFG_TC1 has the value 1.54e-3
stored as the 32-bit floating point value 0xBAC9D9D3.
This data is stored as follows in Table 3:
Table 3. Example of CFG_TC1 Long Word Storage
I2C REG ADDRESS
BYTE VALUE
0x56
0xD3
0x57
0xD9
0x58
0xC9
0x59
0xBA
Reading the entire long word requires four byte-read
transactions, or two word-read transactions. Writing the
entire long word requires four byte-write transactions at
addresses 0x56 through 0x59.
Data: Min/Max Register Values
Some configuration registers have minimum and maxi-
mum acceptable values (i.e. CFG_VS3_25C). The value
limits for each register (if any) are listed in the I2C Register
Descriptions section. If a configuration register is written
to a value outside of the min/max limits, the LT8491 will
automatically modify the register contents to the factory
default register value.
Data: Access Permissions
I2C read and/or write access to various regions is con-
ditional. Table  4 and Table  5 illustrate the conditions
required to access the various regions. When writing to
a register, while write access permission is denied, the
data is ignored and not written to the addressed location.
When reading from a location while read access permis-
sion is denied, the returned data is all zeros.
As shown in Table 4 and Table 5, most address loca-
tions can be read unconditionally after startup is com-
plete. However, the boot region is also unreadable while
EEPROM writing is ongoing and will return 0x00 during
that time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com