Electronic Components Datasheet Search
  English  ▼

X  

LT8491 Datasheet(PDF) 18 Page - Analog Devices

Part # LT8491
Description  High Voltage Buck-Boost Battery Charge Controller with Maximum Power Point
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8491 Datasheet(HTML) 18 Page - Analog Devices

Back Button LT8491 Datasheet HTML 14Page - Analog Devices LT8491 Datasheet HTML 15Page - Analog Devices LT8491 Datasheet HTML 16Page - Analog Devices LT8491 Datasheet HTML 17Page - Analog Devices LT8491 Datasheet HTML 18Page - Analog Devices LT8491 Datasheet HTML 19Page - Analog Devices LT8491 Datasheet HTML 20Page - Analog Devices LT8491 Datasheet HTML 21Page - Analog Devices LT8491 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 82 page
background image
LT8491
18
Rev. 0
For more information www.analog.com
OPERATION
Table 4. Register Access Permissions (Except Control Region)
MEMORY REGION
REGISTER NAME
I2C REG ADDRESS RANGE
READ ACCESS
WRITE ACCESS
Telemetry
All
0x00-0x11
Always1
Never
Status
All
0x12-0x1F
Always1
Never
Configuration
All
0x28-0x5B
Always1
Only when
CHRG_LOGIC_ON=03 and
CTRL_EE_WRT_EN≠0xCC and
SYSTEM_BUSY=b003.
Manufacturer
All
0x5D-0x61
Always1
Never
Boot
All
0x88-0xBD
Always1, 2
Never
See EEPROM: Writing section.
1. Except when chip is powered down or the I2C interface has not been activated yet during the startup sequence.
2. Except when EEPROM write operation is occurring. This is indicated by a read of 10b from STAT_SYSTEM→SYSTEM_BUSY, or a read of 1 from
CTRL_WRT_TO_BOOT→RDY_BUSY.
3. CHRG_LOGIC_ON is a read-only bit in the STAT_CHARGER register. It is cleared shortly after CTRL_CHRG_EN is written 0x00. SYSTEM_BUSY are
read-only bits in the STAT_SYSTEM register.
Table 5. Control Region Access Permissions
REGISTER NAME
I2C
REG
ADDR
READ
ACCESS
WRITE REQUIRES…
CHRG_LOGIC_ON3 = 0
CTRL_EE_WRT_EN ≠
0xCC
CTRL_EE_WRT_EN =
0xCC
SYSTEM_BUSY3 = 00b
CTRL_WRT_TO_BOOT
0x20
Always1
✓
✓
✓
CTRL_EE_WRT_EN
0x21
✓
✓
CTRL_HALT_STARTUP
0x22
CTRL_CHRG_EN
0x23
✓4
✓
✓
CTRL_RESTART_CHIP
0x24
✓
✓
CTRL_RESET_FLAG
0x25
✓
CTRL_UPDATE_TELEM
0x26
✓
✓
✓
Reserved
0x27
Writes to this reserved register always ignored.
4. Only required when writing 1 to CHRG_EN bit.
All I2C byte-write registers have conditions under which
the data is accepted. These conditions prevent changes to
the charger configuration while the charging is ongoing
and to help prevent inadvertent changes to the configura-
tion and/or EEPROM.
STARTUP SEQUENCE
Figure 6 illustrates the startup sequence for the LT8491.
Not all details are shown. The sequence is initiated when
the VDD pin rises above 2.7V (typical). If the device is
already powered on and CTRL_CHRG_EN=0, the startup
sequence can be re-initiated by writing CTRL_RESTART_
CHIP to 0x99.
At the beginning of the startup sequence the I2C interface
is disabled and the default values for the telemetry, sta-
tus and control registers are set as indicated in the I2C
Register Map section.
Next, a CRC check of the EEPROM boot region and fac-
tory settings is performed. If the boot region fails the
CRC check, the LT8491 recalculates the CRC indefinitely
until the CRC check passes, or the process is interrupted
by writing CTRL_HALT_STARTUP to 0x5A. If startup
is halted then the configuration registers revert to their
factory default values, as listed in the I2C Register Map,
before completing startup. If the factory settings fail the
CRC check, the LT8491 recalculates the CRC indefinitely



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com