Electronic Components Datasheet Search
  English  ▼

X  

LTC7803 Datasheet(PDF) 1 Page - Analog Devices

Part # LTC7803
Description  40V Low IQ, 3MHz Synchronous Step-Down Controller with Spread Spectrum
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7803 Datasheet(HTML) 1 Page - Analog Devices

  LTC7803 Datasheet HTML 1Page - Analog Devices LTC7803 Datasheet HTML 2Page - Analog Devices LTC7803 Datasheet HTML 3Page - Analog Devices LTC7803 Datasheet HTML 4Page - Analog Devices LTC7803 Datasheet HTML 5Page - Analog Devices LTC7803 Datasheet HTML 6Page - Analog Devices LTC7803 Datasheet HTML 7Page - Analog Devices LTC7803 Datasheet HTML 8Page - Analog Devices LTC7803 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
LTC7803
1
Rev 0
For more information www.analog.com
Document Feedback
TYPICAL APPLICATION
FEATURES
DESCRIPTION
40V Low IQ, 3MHz Synchronous Step-Down
Controller with Spread Spectrum
The LTC®7803 is a high performance, 100% Duty Cycle
Capable, synchronous step-down DC/DC switching
regulator controller that drives an all N-channel power
MOSFET stage. Synchronous rectification increases effi-
ciency, reduces power losses and eases thermal require-
ments. A constant frequency current mode architecture
allows a phase-lockable switching frequency of up to
3MHz. The LTC7803 operates from a wide 4.5V to 40V
input supply range.
The very low no-load quiescent current extends operating
runtime in battery powered systems. OPTI-LOOP com-
pensation allows the transient response to be optimized
over a wide range of output capacitance and ESR values.
The MODE pin selects among Burst Mode operation,
pulse-skipping mode, or continuous inductor current
mode at light loads.
The LTC7803 additionally features spread spectrum oper-
ation which significantly reduces the peak radiated and
conducted noise on both the input and output supplies,
making it easier to comply with electromagnetic interfer-
ence (EMI) standards.
APPLICATIONS
n
Automotive and Transportation
n
Industrial
n
Military/Avionics
n
Telecommunications
All registered trademarks and trademarks are the property of their respective owners. Protected
by U.S. Patents including 5481178, 5705919, 5929620, 6144194, 6177787, 6580258.
n
Low Operating IQ: 12µA (14V VIN to 3.3V VOUT)
n
Wide Input Voltage Range: 4.5V to 40V
n
Output Voltage Up to 40V
n
Spread Spectrum Operation
n
RSENSE or DCR Current Sensing
n
PassThru™/100% Duty Cycle Capable
n
Programmable Fixed Frequency (100kHz to 3MHz)
n
Phase-Lockable Frequency (100kHz to 3MHz)
n
Selectable Continuous, Pulse-Skipping, or Low
Ripple Burst Mode® Operation at Light Loads
n
Low Shutdown IQ: 1.2μA
n
Thermally Enhanced 16-Pin 3mm × 3mm QFN and
MSOP Packages
n
AEC-Q100 Qualification in Progress
4.7nF
6.19k
39pF
VIN
5V TO 38V
VOUT
3.3V
20A
10µF
×4
0.68µH
TRACK//SS
ITH
MODE
FREQ
GND
7803 TA01a
LTC7803
RUN
VIN
BOOST
SW
BG
INTVCC
SENSE+
SENSE–
TG
PLLIN/SPREAD
VFB
EXTVCC
56µF
×2
100µF
×4
0.1µF
0.1µF
1m
215k
68.1k
4.7µF
+
470µF
+
×2
×2
VOUT = 3.3V
BURST MODE OPERATION
FIGURE 11 CIRCUIT
VIN = 12V
VIN = 24V
VIN = 36V
OUTPUT CURRENT (A)
0.0001 0.001
0.01
0.1
1
10
30
40
50
60
70
80
90
100
0.1
1
10
100
1k
10k
Efficiency vs Output Current
7803 TA01b
Efficiency vs Output Current
High Efficiency Wide Input Range 375kHz 3.3V/20A Step-Down Regulator


Similar Part No. - LTC7803

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC7803 AD-LTC7803 Datasheet
2Mb / 34P
40V Low IQ, 3MHz Dual, 2-Phase Synchronous Step-Down Controller with Spread Spectrum
LTC7803 AD-LTC7803 Datasheet
1Mb / 34P
40V Low IQ, 3MHz Dual, 2-Phase Synchronous Step-Down Controller with Spread Spectrum
LTC7803 AD-LTC7803 Datasheet
2Mb / 44P
40V, Low IQ, 3MHz, Triple Output Buck/Buck/Boost Synchronous Controller
LTC7803 AD-LTC7803 Datasheet
2Mb / 42P
40V, Low IQ, 3MHz, Triple Output Buck/Buck/Boost Controller
LTC7803 AD-LTC7803 Datasheet
1Mb / 36P
40V Low IQ, Triple Output, 3-Phase Synchronous Step-Down Controller
More results

Similar Description - LTC7803

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3835-1 LINER-LTC3835-1 Datasheet
299Kb / 28P
Low IQ Synchronous Step-Down Controller
LTC3835 LINER-LTC3835 Datasheet
323Kb / 28P
Low IQ Synchronous Step-Down Controller
LTC3835EUFD LINER-LTC3835EUFD Datasheet
1Mb / 30P
Low IQ Synchronous Step-Down Controller
LTC3835-1 LINER-LTC3835-1_15 Datasheet
297Kb / 28P
Low IQ Synchronous Step-Down Controller
LTC3891 LINER-LTC3891_15 Datasheet
680Kb / 32P
Low IQ, 60V Synchronous Step-Down Controller
LTC3835 LINER-LTC3835_15 Datasheet
418Kb / 30P
Low IQ Synchronous Step-Down Controller
logo
Analog Devices
LTC7802 AD-LTC7802 Datasheet
2Mb / 34P
40V Low IQ, 3MHz Dual, 2-Phase Synchronous Step-Down Controller with Spread Spectrum
LTC7802-3.3 AD-LTC7802-3.3 Datasheet
1Mb / 34P
40V Low IQ, 3MHz Dual, 2-Phase Synchronous Step-Down Controller with Spread Spectrum
LTC7817 AD-LTC7817 Datasheet
2Mb / 44P
40V, Low IQ, 3MHz, Triple Output Buck/Buck/Boost Synchronous Controller
LTC7819 AD-LTC7819 Datasheet
1Mb / 36P
40V Low IQ, Triple Output, 3-Phase Synchronous Step-Down Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com