Electronic Components Datasheet Search
  English  ▼

X  

LTC7803 Datasheet(PDF) 2 Page - Analog Devices

Part # LTC7803
Description  40V Low IQ, 3MHz Synchronous Step-Down Controller with Spread Spectrum
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7803 Datasheet(HTML) 2 Page - Analog Devices

  LTC7803 Datasheet HTML 1Page - Analog Devices LTC7803 Datasheet HTML 2Page - Analog Devices LTC7803 Datasheet HTML 3Page - Analog Devices LTC7803 Datasheet HTML 4Page - Analog Devices LTC7803 Datasheet HTML 5Page - Analog Devices LTC7803 Datasheet HTML 6Page - Analog Devices LTC7803 Datasheet HTML 7Page - Analog Devices LTC7803 Datasheet HTML 8Page - Analog Devices LTC7803 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
LTC7803
2
Rev 0
For more information www.analog.com
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Input Supply Voltage (VIN)......................... –0.3V to 40V
BOOST ....................................................... –0.3V to 46V
SW ............................................................... –5V to 40V
RUN ........................................................... –0.3V to 40V
SENSE+, SENSE– ....................................... –0.3V to 40V
EXTVCC Voltage ......................................... –0.3V to 30V
INTVCC, (BOOST-SW) .................................. –0.3V to 6V
TRACK/SS, FREQ......................................... –0.3V to 6V
(Note 1)
1
2
3
4
5
6
7
8
TRACK/SS
SENSE+
SENSE–
VFB
ITH
RUN
FREQ
PLLIN/SPREAD
16
15
14
13
12
11
10
9
SW
TG
BOOST
BG
VIN
EXTVCC
INTVCC
MODE
TOP VIEW
MSE PACKAGE
16-LEAD PLASTIC MSOP
TJMAX = 125°C, θJA = 40°C/W, θJC = 10°C/W
EXPOSED PAD (PIN 17) IS GND, MUST BE SOLDERED TO PCB
17
GND
16 15 14 13
5
6
7
8
TOP VIEW
17
GND
UD PACKAGE
16-LEAD (3mm × 3mm) PLASTIC QFN
TJMAX = 125°C, θJA = 68°C/W, θJC = 4.2°C/W
EXPOSED PAD (PIN 17) IS GND, MUST BE SOLDERED TO PCB
9
10
11
12
4
3
2
1
TG
SW
TRACK/SS
SENSE+
INTVCC
MODE
PLLIN/SPREAD
FREQ
ITH............................................................... –0.3V to 2V
PLLIN/SPREAD, MODE, VFB......................... –0.3V to 6V
BG, TG ............................................................... (Note 9)
Operating Junction Temperature Range (Note 2,8)
LTC7803E, LTC7803I ......................... –40°C to 125°C
LTC7803H, LTC7803J........................ –40°C to 150°C
Storage Temperature Range .............. –65°C to 150°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com