Electronic Components Datasheet Search
  English  ▼

X  

LTC7803 Datasheet(PDF) 20 Page - Analog Devices

Part # LTC7803
Description  40V Low IQ, 3MHz Synchronous Step-Down Controller with Spread Spectrum
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7803 Datasheet(HTML) 20 Page - Analog Devices

Back Button LTC7803 Datasheet HTML 16Page - Analog Devices LTC7803 Datasheet HTML 17Page - Analog Devices LTC7803 Datasheet HTML 18Page - Analog Devices LTC7803 Datasheet HTML 19Page - Analog Devices LTC7803 Datasheet HTML 20Page - Analog Devices LTC7803 Datasheet HTML 21Page - Analog Devices LTC7803 Datasheet HTML 22Page - Analog Devices LTC7803 Datasheet HTML 23Page - Analog Devices LTC7803 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
LTC7803
20
Rev 0
For more information www.analog.com
APPLICATIONS INFORMATION
INTVCC Regulators
The LTC7803 features two separate internal P-channel
low dropout linear regulators (LDO) that supply power
at the INTVCC pin from either the VIN supply pin or the
EXTVCC pin depending on the connection of the EXTVCC
pin. INTVCC powers the gate drivers and much of the
LTC7803’s internal circuitry. The VIN LDO and the EXTVCC
LDO regulate INTVCC to 5.15V. Each of these can supply
a peak current of at least 100mA and must be bypassed
to ground with a minimum of 2.2μF ceramic capacitor,
placed as close as possible to the pin. No matter what
type of bulk capacitor is used, an additional 1μF ceramic
capacitor placed directly adjacent to the INTVCC and GND
pins is highly recommended. Good bypassing is needed
to supply the high transient currents required by the
MOSFET gate drivers.
High input voltage applications in which large MOSFETs
are being driven at high frequencies may cause the maxi-
mum junction temperature rating for the LTC7803 to be
exceeded. The INTVCC current, which is dominated by
the gate charge current, may be supplied by either the
VIN LDO or the EXTVCC LDO. When the voltage on the
EXTVCC pin is less than 4.7V, the VIN LDO is enabled.
Power dissipation for the IC in this case is highest and is
equal to VIN • INTVCC. The gate charge current is depen-
dent on operating frequency as discussed in the Efficiency
Considerations section. The junction temperature can
be estimated by using the equations given in Note 2 of
the Electrical Characteristics. For example, the LTC7803
INTVCC current is limited to less than 20mA from a 40V
supply when not using the EXTVCC supply at a 70°C ambi-
ent temperature:
TJ = 70°C + (20mA)(40V)(68°C/W for QFN) = 125°C
In the MSOP package, the INTVCC current is limited to less
than 34mA from a 40V supply:
TJ = 70°C + (34mA)(40V)(40°C/W for MSOP) = 125°C
To prevent the maximum junction temperature from being
exceeded, the input supply current must be checked while
operating in forced continuous mode (MODE = INTVCC)
at maximum VIN.
Figure 6. Two Different Modes of Output Voltage Tracking
Figure 7. Using the TRACK/SS Pin for TrackingTracking
(6a) Coincident Tracking
(6b) Ratiometric Tracking
TIME
VX(MASTER)
VOUT(SLAVE)
7803 F06a
TIME
7803 F06b
VX(MASTER)
VOUT(SLAVE)
LTC7803
VOUT
Vx
VFB
TRACK/SS
7803 F07
RB
RA
RTRACKA
RTRACKB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com