Electronic Components Datasheet Search
  English  ▼

X  

LTC7803 Datasheet(PDF) 22 Page - Analog Devices

Part # LTC7803
Description  40V Low IQ, 3MHz Synchronous Step-Down Controller with Spread Spectrum
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7803 Datasheet(HTML) 22 Page - Analog Devices

Back Button LTC7803 Datasheet HTML 18Page - Analog Devices LTC7803 Datasheet HTML 19Page - Analog Devices LTC7803 Datasheet HTML 20Page - Analog Devices LTC7803 Datasheet HTML 21Page - Analog Devices LTC7803 Datasheet HTML 22Page - Analog Devices LTC7803 Datasheet HTML 23Page - Analog Devices LTC7803 Datasheet HTML 24Page - Analog Devices LTC7803 Datasheet HTML 25Page - Analog Devices LTC7803 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
LTC7803
22
Rev 0
For more information www.analog.com
MOSFET. For a typical application, a value of CB = 0.1µF
is generally sufficient.
The external diode DB can be a Schottky diode or P-N
Junction diode, but in either case it should have low leak-
age and fast recovery. Pay close attention to the reverse
leakage at high temperatures, where it generally increases
substantially.
The topside MOSFET driver includes an internal charge
pump that delivers current to the bootstrap capacitor
when the top MOSFET is on continuously, such as when
the output is in dropout (100% duty cycle). The boost
diode should have a reverse leakage less than the avail-
able output current the charge pump can supply. Curves
displaying the available charge pump current under dif-
ferent operating conditions can be found in the Typical
Performance Characteristics section.
Phase-Locked Loop and Frequency Synchronization
The LTC7803 has an internal phase-locked loop (PLL)
comprised of a phase frequency detector, a lowpass filter,
and a voltage-controlled oscillator (VCO). This allows the
turn-on of the top MOSFET to be locked to the rising edge
of an external clock signal applied to the PLLIN/SPREAD
pin. The phase detector is an edge sensitive digital type
that provides zero degrees phase shift between the exter-
nal and internal oscillators. This type of phase detector
does not exhibit false lock to harmonics of the external
clock.
If the external clock frequency is greater than the inter-
nal oscillator’s frequency, fOSC, then current is sourced
continuously from the phase detector output, pulling up
the VCO input. When the external clock frequency is less
than fOSC, current is sunk continuously, pulling down the
VCO input.
If the external and internal frequencies are the same but
exhibit a phase difference, the current sources turn on for
an amount of time corresponding to the phase difference.
The voltage at the VCO input is adjusted until the phase
and frequency of the internal and external oscillators are
identical. At the stable operating point, the phase detector
output is high impedance and the internal filter capacitor,
CLP, holds the voltage at the VCO input. Note that the
LTC7803 can only be synchronized to an external clock
whose frequency is within range of the LTC7803’s internal
VCO, which is nominally 100kHz to 3MHz.
This is guaranteed to be between 100kHz and 3MHz.
Typically, the external clock (on the PLLIN/MODE pin)
input high threshold is 1.6V, while the input low thresh-
old is 1.1V.
Rapid phase locking can be achieved by using the FREQ
pin to set a free-running frequency near the desired syn-
chronization frequency. The VCO’s input voltage is prebi-
ased at a frequency corresponding to the frequency set
by the FREQ pin. Once prebiased, the PLL only needs
to adjust the frequency slightly to achieve phase lock
and synchronization. Although it is not required that the
free-running frequency be near external clock frequency,
doing so will prevent the operating frequency from pass-
ing through a large range of frequencies as the PLL locks.
When synchronized to an external clock, the LTC7803
operates in forced continuous mode if the MODE pin is
set to Burst Mode operation or forced continuous opera-
tion. If the MODE pin is set to pulse-skipping operation,
the LTC7803 maintains pulse-skipping operation when
synchronized.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com