Electronic Components Datasheet Search
  English  ▼

X  

LTC7803 Datasheet(PDF) 24 Page - Analog Devices

Part # LTC7803
Description  40V Low IQ, 3MHz Synchronous Step-Down Controller with Spread Spectrum
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7803 Datasheet(HTML) 24 Page - Analog Devices

Back Button LTC7803 Datasheet HTML 20Page - Analog Devices LTC7803 Datasheet HTML 21Page - Analog Devices LTC7803 Datasheet HTML 22Page - Analog Devices LTC7803 Datasheet HTML 23Page - Analog Devices LTC7803 Datasheet HTML 24Page - Analog Devices LTC7803 Datasheet HTML 25Page - Analog Devices LTC7803 Datasheet HTML 26Page - Analog Devices LTC7803 Datasheet HTML 27Page - Analog Devices LTC7803 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
LTC7803
24
Rev 0
For more information www.analog.com
In addition, when the load current is very light, the induc-
tor current will begin bursting at frequencies lower than
the switching frequency, and enter a low current sleep
mode when not switching. As a result, Burst Mode opera-
tion has the highest possible efficiency at light load.
In forced continuous mode, the inductor current is
allowed to reverse at light loads and switches at the same
frequency regardless of load. In this mode, the efficiency
at light loads is considerably lower than in Burst Mode
operation. However, continuous operation has the advan-
tage of lower output voltage ripple and less interference
to audio circuitry. In forced continuous mode, the output
ripple is independent of load current.
In pulse-skipping mode, constant frequency operation
is maintained down to approximately 1% of designed
maximum output current. At very light loads, the PWM
comparator may remain tripped for several cycles and
force the top MOSFET to stay off for the same number of
cycles (i.e., skipping pulses). The inductor current is not
allowed to reverse (discontinuous operation). This mode,
like forced continuous operation, exhibits low output rip-
ple as well as low audio noise and reduced RF interference
as compared to Burst Mode operation. It provides higher
light load efficiency than forced continuous mode, but not
nearly as high as Burst Mode operation. Consequently,
pulse-skipping mode represents a compromise between
light load efficiency, output ripple and EMI.
In some applications, it may be desirable to change light
load operating mode based on the conditions present in
the system. For example, if a system is inactive, one might
select high efficiency Burst Mode operation by keeping the
MODE pin set to 0V. When the system wakes, one might
send an external clock to PLLIN/SPREAD, or tie MODE to
INTVCC to switch to low noise forced continuous mode.
Such on-the-fly mode changes can allow an individual
application to benefit from the advantages of each light
load operating mode.
Minimum On-Time Considerations
Minimum on-time, tON(MIN), is the smallest time duration
that the LTC7803 is capable of turning on the top MOSFET.
It is determined by internal timing delays and the gate
charge required to turn on the top MOSFET. Low duty
cycle applications may approach this minimum on-time
limit and care should be taken to ensure that:
tON(MIN) <
VOUT
VIN• f
If the duty cycle falls below what can be accommodated
by the minimum on-time, the controller will begin to skip
cycles. The output voltage will continue to be regulated,
but the ripple voltage and current will increase.
The minimum on-time for the LTC7803 is approximately
40ns. However, as the peak sense voltage decreases the
minimum on-time gradually increases up to about 60ns.
This is of particular concern in forced continuous applica-
tions with low ripple current at light loads. If the duty cycle
drops below the minimum on-time limit in this situation,
a significant amount of cycle skipping can occur with cor-
respondingly larger current and voltage ripple.
Fault Conditions: Current Limit and Current Foldback
The LTC7803 includes current foldback to help limit load
current when the output is shorted to ground. If the out-
put voltage falls below 70% of its nominal output level,
then the maximum sense voltage is progressively low-
ered from 100% to 40% of its maximum selected value.
Under short-circuit conditions with very low duty cycles,
the LTC7803 will begin cycle skipping in order to limit the
short-circuit current. In this situation the bottom MOSFET
will be dissipating most of the power but less than in
normal operation. The short-circuit ripple current is deter-
mined by the minimum on-time, tON(MIN), of the LTC7803
(≈40ns), the input voltage and inductor value:
ΔIL(SC) = tON(MIN)
VIN
L
⎛
⎝⎜
⎞
⎠⎟
The resulting average short-circuit current is:
IL(SC) = 40% •ILIM(MAX) –
1
2
ΔIL(SC)
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com