Electronic Components Datasheet Search
  English  ▼

X  

LTC7803 Datasheet(PDF) 23 Page - Analog Devices

Part # LTC7803
Description  40V Low IQ, 3MHz Synchronous Step-Down Controller with Spread Spectrum
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7803 Datasheet(HTML) 23 Page - Analog Devices

Back Button LTC7803 Datasheet HTML 19Page - Analog Devices LTC7803 Datasheet HTML 20Page - Analog Devices LTC7803 Datasheet HTML 21Page - Analog Devices LTC7803 Datasheet HTML 22Page - Analog Devices LTC7803 Datasheet HTML 23Page - Analog Devices LTC7803 Datasheet HTML 24Page - Analog Devices LTC7803 Datasheet HTML 25Page - Analog Devices LTC7803 Datasheet HTML 26Page - Analog Devices LTC7803 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
LTC7803
23
Rev 0
For more information www.analog.com
Setting the Operating Frequency
The switching frequency is set using the FREQ and PLLIN/
SPREAD pins as shown in Table 1.
Table 1.
FREQ PIN
PLLIN/SPREAD PIN
FREQUENCY
0V
0V
375kHz
INTVCC
0V
2.25MHz
Resistor
0V
100kHz to 3MHz
Any of the Above
External Clock
100kHz to 3MHz
Phase Locked to
External Clock
Any of the Above
INTVCC
Spread Spectrum fOSC
modulated 0% to 20%
Tying the FREQ pin to ground selects 375kHz while tying
FREQ to INTVCC selects 2.25MHz. Placing a resistor
between FREQ and ground allows the frequency to be pro-
grammed anywhere between 100kHz and 3MHz. Choose a
FREQ pin resistor from Figure 8 or the following equation:
RFREQ (inkΩ)=
37MHz
fOSC
Switching regulators can be particularly troublesome for
applications where electromagnetic interference (EMI) is
a concern. To improve EMI, spread spectrum mode can
optionally be selected by tying the PLLIN/SPREAD pin to
INTVCC. When spread spectrum in enabled, the switch-
ing frequency varies within 0% to +20% of the frequency
selected by the FREQ pin. Spread spectrum may be used
in any operating mode selected by the MODE pin (Burst
Mode, pulse-skipping, or forced continuous mode).
Selecting the Light-Load Operating Mode
The LTC7803 can be set to enter high efficiency Burst
Mode operation, constant frequency pulse-skipping mode
or forced continuous conduction mode at light load cur-
rents. To select Burst Mode operation, tie the MODE to
ground. To select forced continuous operation, tie the
MODE pin to INTVCC. To select pulse-skipping mode, tie
the MODE pin to INTVCC through a 100k resistor. An inter-
nal 100k resistor from the MODE pin to ground selects
Burst Mode if the pin is floating. When synchronized to
an external clock through the PLLIN/SPREAD pin, the
LTC7803 operates in pulse skipping mode if it is selected,
or in forced continuous mode otherwise. Table 2 sum-
marizes the use of the MODE pin to select the light load
operating mode.
Table 2.
MODE PIN
LIGHT-LOAD
OPERATING MODE
MODE WHEN
SYNCHRONIZED
0V or Floating
Burst Mode
Forced Continuous
100k to INTVCC
Pulse-Skipping
Pulse-Skipping
INTVCC
Forced Continuous
Forced Continuous
In general, the requirements of each application will dictate
the appropriate choice for light-load operating mode. In
Burst Mode operation, the inductor current is not allowed
to reverse. The reverse current comparator turns off the
bottom MOSFET just before the inductor current reaches
zero, preventing it from reversing and going negative.
Thus, the regulator operates in discontinuous operation.
Figure 8. Relationship Between Oscillator Frequency
and Resistor Value at the FREQ Pin
APPLICATIONS INFORMATION
FREQ PIN RESISTOR (Ω)
10k
100k
500k
100k
1M
10M
7803 F08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com