Electronic Components Datasheet Search
  English  ▼

X  

LTC7803 Datasheet(PDF) 9 Page - Analog Devices

Part # LTC7803
Description  40V Low IQ, 3MHz Synchronous Step-Down Controller with Spread Spectrum
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7803 Datasheet(HTML) 9 Page - Analog Devices

Back Button LTC7803 Datasheet HTML 5Page - Analog Devices LTC7803 Datasheet HTML 6Page - Analog Devices LTC7803 Datasheet HTML 7Page - Analog Devices LTC7803 Datasheet HTML 8Page - Analog Devices LTC7803 Datasheet HTML 9Page - Analog Devices LTC7803 Datasheet HTML 10Page - Analog Devices LTC7803 Datasheet HTML 11Page - Analog Devices LTC7803 Datasheet HTML 12Page - Analog Devices LTC7803 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
LTC7803
9
Rev 0
For more information www.analog.com
PIN FUNCTIONS
TRACK/SS (Pin 1/Pin 3): External Tracking and Soft-Start
Input. The LTC7803 regulates the VFB voltage to the lesser
of 0.8V or the voltage on the TRACK/SS pin. An internal
12.5µA pull-up current source is connected to this pin.
A capacitor to ground at this pin sets the ramp time to
the final regulated output voltage. The ramp time is equal
to 0.65ms for every 10nF of capacitance. Alternatively, a
resistor divider on another voltage supply connected to
the TRACK/SS pin allows the LTC7803 output to track the
other supply during start-up.
SENSE+ (Pin 2/Pin 4): The Positive (+) Input to the
Differential Current Comparators. The ITH pin voltage and
controlled offsets between the SENSE– and SENSE+ pins
in conjunction with RSENSE set the current trip threshold.
SENSE– (Pin 3/Pin 5): The Negative (–) Input to the
Differential Current Comparators. When SENSE– is
greater than INTVCC, the SENSE– pin supplies current to
the current comparator. When SENSE– is 3.2V or greater,
it supplies the majority of the sleep mode quiescent cur-
rent instead of VIN, further reducing the input-referred
quiescent current.
VFB (Pin 4/Pin 6): Error Amplifier Feedback Input. Connect
an external resistor divider between the output voltage
and the VFB pin to set the regulated output voltage.
ITH (Pin 5/Pin 7): Error Amplifier Output and Switching
Regulator Compensation Point. The current comparator
trip point increases with this control voltage. Place com-
pensation components between the ITH pin and GND.
RUN (Pin 6/Pin 8): Run Control Input. Forcing this pin
below 1.2V disables switching of the corresponding
controller. Forcing this pin below 0.7V shuts down the
LTC7803, reducing quiescent current to approximately
1.2µA. This pin can be tied to VIN for always-on operation.
FREQ (Pin 7/Pin 9): Frequency Control pin for the inter-
nal VCO. Connecting the pin to GND forces the VCO to
a fixed low frequency of 375kHz. Connecting the pin
to INTVCC forces the VCO to a fixed high frequency of
2.25MHz. Frequencies between 100kHz and 3MHz can
be programmed using a resistor between FREQ and GND.
Minimize the capacitance on this pin.
PLLIN/SPREAD (Pin 8/Pin 10): External Synchronization
Input and Spread Spectrum Selection. When an external
clock is applied to this pin, the phase-locked loop will
force the rising TG signal to be synchronized with the
rising edge of the external clock. When an external clock
is present, the regulators operate in pulse-skipping mode
if it is selected by the MODE pin, or in forced continuous
mode otherwise. When not synchronizing to an external
clock, tie this input to INTVCC to enable spread spectrum
dithering of the oscillator or to ground to disable spread
spectrum.
MODE (Pin 9/Pin 11): Mode Select Input. This input
determines how the LTC7803 operates at light loads.
Pulling this pin to ground selects Burst Mode operation.
An internal 100k resistor to ground also invokes Burst
Mode operation when the pin is floating. Tying this pin
to INTVCC forces continuous inductor current operation.
Tying this pin to INTVCC through a 100k resistor selects
pulse-skipping operation.
INTVCC (Pin 10/Pin 12): Output of the Internal 5.15V Low
Dropout Regulator (LDO). The driver and control circuits
are powered by this supply. Must be decoupled to GND
with a minimum of 4.7μF ceramic or tantalum capacitor.
EXTVCC (Pin 11/Pin 13): External Power Input to an
Internal LDO Connected to INTVCC. This LDO supplies
INTVCC power, bypassing the internal LDO powered from
VIN whenever EXTVCC is higher than 4.7V. See INTVCC
Regulators in the Applications Information section. Do not
exceed 30V on this pin. Tie this pin to GND if the EXTVCC
LDO is not used.
VIN (Pin 12/Pin 14): Main Bias Input Supply Pin. A bypass
capacitor should be tied between this pin and GND.
BG (Pin 13/Pin 15): High Current Gate Drive for Bottom
(Synchronous) N-Channel MOSFET. Voltage swing at this
pin is from GND to INTVCC.
BOOST(Pin 14/Pin 16): Bootstrapped Supply to the Top
Side Floating Driver. Connect a capacitor between the
BOOST and SW pin. Also connect a low leakage Schottky
diode between the BOOST and INTVCC pins.
(MSOP/QFN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com