Electronic Components Datasheet Search
  English  ▼

X  

LTC7803 Datasheet(PDF) 12 Page - Analog Devices

Part # LTC7803
Description  40V Low IQ, 3MHz Synchronous Step-Down Controller with Spread Spectrum
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7803 Datasheet(HTML) 12 Page - Analog Devices

Back Button LTC7803 Datasheet HTML 8Page - Analog Devices LTC7803 Datasheet HTML 9Page - Analog Devices LTC7803 Datasheet HTML 10Page - Analog Devices LTC7803 Datasheet HTML 11Page - Analog Devices LTC7803 Datasheet HTML 12Page - Analog Devices LTC7803 Datasheet HTML 13Page - Analog Devices LTC7803 Datasheet HTML 14Page - Analog Devices LTC7803 Datasheet HTML 15Page - Analog Devices LTC7803 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
LTC7803
12
Rev 0
For more information www.analog.com
OPERATION
to INTVCC. To select pulse-skipping mode, tie the MODE
pin to a DC voltage greater than 1.2V and less than
INTVCC – 1.3V. An internal 100k resistor to GND invokes
Burst Mode operation when the MODE pin is floating and
pulse-skipping mode when the MODE pin is tied to INTVCC
through an external 100k resistor.
When the controller is enabled for Burst Mode opera-
tion, the minimum peak current in the inductor is set to
approximately 25% of the maximum sense voltage even
though the voltage on the ITH pin indicates a lower value.
If the average inductor current is higher than the load cur-
rent, the error amplifier, EA, will decrease the voltage on
the ITH pin. When the ITH voltage drops below 0.425V,
the internal sleep signal goes high (enabling sleep mode)
and both external MOSFETs are turned off. The ITH pin is
then disconnected from the output of the EA and parked
at 0.45V.
In sleep mode, much of the internal circuitry is turned off,
reducing the quiescent current that the LTC7803 draws
to only 14μA. When VOUT is 3.2V or higher, the majority
of this quiescent current is supplied by the SENSE– pin,
which further reduces the input-referred quiescent cur-
rent by the ratio of VIN/VOUT multiplied by the efficiency.
In sleep mode, the load current is supplied by the output
capacitor. As the output voltage decreases, the EA’s out-
put begins to rise. When the output voltage drops enough,
the ITH pin is reconnected to the output of the EA, the
sleep signal goes low, and the controller resumes normal
operation by turning on the top external MOSFET on the
next cycle of the internal oscillator.
When the controller is enabled for Burst Mode opera-
tion, the inductor current is not allowed to reverse. The
reverse current comparator, IR, turns off the bottom exter-
nal MOSFET just before the inductor current reaches zero,
preventing it from reversing and going negative. Thus, the
controller operates in discontinuous operation.
In forced continuous operation or clocked by an external
clock source to use the phase-locked loop (see Frequency
Selection and Phase-Locked Loop section), the inductor
current is allowed to reverse at light loads or under large
transient conditions. The peak inductor current is deter-
mined by the voltage on the ITH pin, just as in normal
operation. In this mode, the efficiency at light loads is
lower than in Burst Mode operation. However, continu-
ous operation has the advantage of lower output voltage
ripple and less interference to audio circuitry. In forced
continuous mode, the output ripple is independent of load
current.
When the MODE pin is connected for pulse-skipping
mode, the LTC7803 operates in PWM pulse-skipping
mode at light loads. In this mode, constant frequency
operation is maintained down to approximately 1% of
designed maximum output current. At very light loads, the
current comparator, ICMP, may remain tripped for several
cycles and force the external top MOSFET to stay off for
the same number of cycles (i.e., skipping pulses). The
inductor current is not allowed to reverse (discontinu-
ous operation). This mode, like forced continuous opera-
tion, exhibits low output ripple as well as low audio noise
and reduced RF interference as compared to Burst Mode
operation. It provides higher low current efficiency than
forced continuous mode, but not nearly as high as Burst
Mode operation.
Unlike forced continuous mode and pulse-skipping mode,
Burst Mode cannot be synchronized to an external clock.
Therefore, if Burst Mode is selected and PLLIN/SPREAD
pin is clocked to use the phase-locked loop, the LTC7803
switches from Burst Mode to forced continuous mode.
Frequency Selection, Spread Spectrum and Phase-
Locked Loop (FREQ and PLLIN/SPREAD Pins)
The selection of switching frequency is a trade-off between
efficiency and component size. Low frequency opera-
tion increases efficiency by reducing MOSFET switching
losses, but requires larger inductance and/or capacitance
to maintain low output ripple voltage.
The free running switching frequency of the LTC7803 is
selected using the FREQ pin. If the PLLIN/SPREAD pin is
not being driven by an external clock source, the FREQ
pin can be tied to GND, tied to INTVCC or programmed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com